Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet (PDF) - NXP Semiconductors

GD3160 Datasheet PDF - NXP Semiconductors
Part # GD3160
Download  GD3160 Download
File Size   1618.85 Kbytes
Page   114 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Advanced IGBT/SiC gate driver

GD3160 Datasheet (PDF)

Go To PDF Page Download Datasheet
GD3160 Datasheet PDF - NXP Semiconductors

Part # GD3160
Download  GD3160 Click to download

File Size   1618.85 Kbytes
Page   114 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Advanced IGBT/SiC gate driver

GD3160 Datasheet (HTML) - NXP Semiconductors


GD3160 Product details

General description
The GD3160 is an advanced, single-channel gate driver for IGBTs and SiC power devices. Integrated Galvanic
isolation and low on-resistance drive transistors provide high charging and discharging current, low dynamic
saturation voltage and rail-to-rail gate voltage control.
Current and temperature sense minimizes IGBT/SiC stress during faults. Accurate and configurable
undervoltage lockout (UVLO) provides protection while ensuring sufficient gate-drive voltage headroom.
The GD3160 autonomously manages severe faults and reports faults and status via INTB and/or INTA pins
and an SPI interface. It is capable of directly driving gates of most IGBTs and SiC MOSFETs. Self test, control,
and protection functions are included for design of high-reliability systems (ASIL C/D). The GD3160 meets the
stringent requirements of automotive applications and is fully AEC-Q100 grade 1 qualified.

Key features
• Integrated Galvanic signal isolation (up to 8 kV)
• High gate current integrated: 15 A source/sink capable
• SPI interface for safety monitoring, configuration, and diagnostic reporting
• Supports high switching frequencies: PWM up to 100 kHz
• Fail-safe state management from LV and HV domain for user-selectable safe state
• Programmable gate voltage regulator
• Temperature sense compatible with diode-based temperature sensors, NTC and PTC thermistors
• Configurable desaturation and current sense optimized for protecting SiC and IGBTs
• Integrated soft shutdown, two-level turn-off, optimized for unique gate drive requirements of SiC
• Real-time VCE and VGE reporting via INTA pin
• Integrated ADC for monitoring parameters from HV domain
• CMTI > 100 V/ns
• Compatible with 200 to 1700 V IGBT/SiC, power range > 125 kW
• Operating temperature range −40 to 125 °C
• Available in 5.0 or 3.3 V logic interface variants
• Small package footprint (10 mm x 11 mm) 32-pin SOIC

Safety features
• Certified compliant with ISO 26262, supporting ASIL D level functional safety
• Error checking of SPI and configuration data with 8-bit CRC
• Autonomously manages severe faults and reports status via configurable INTB and/or INTA pins, and SPI
interface
• Current, DESAT, and temperature sense inputs and ADC reporting for IGBT/SiC monitoring and protection
• Interrupt pins (INTA and INTB) for fast response to faults
• Built-in self-check of all analog and digital circuits
• Continuous watchdog of communications across isolation barrier
• Deadtime enforcement
• Over- and undervoltage supervision of all power supplies on both low- and high-voltage sides
• Dedicated fail-safe state management pins on both low- and high-voltage sides
• VGE real-time cycle-by-cycle monitoring

Safety and regulatory approvals
• Reinforced isolation per DIN V VDE V 0884-10
• Withstand 5000 V rms (1 minute) isolation per UL 1577
• AEC-Q100 grade 1 automotive qualified




Similar Part No. - GD3160

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GD3162 NXP-GD3162 Datasheet
218Kb / 11P
Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 1 - 29 November 2022
GD3162 NXP-GD3162 Datasheet
193Kb / 10P
Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 1.1 - 10 May 2023
GD3162_SDS NXP-GD3162_SDS Datasheet
210Kb / 12P
Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 2 - 12 January 2024
GD3162 NXP-GD3162_V01 Datasheet
193Kb / 10P
Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 1.1 - 10 May 2023
More results


Similar Description - GD3160

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
IGBT GATE DRIVER
logo
Texas Instruments
UCC21732-Q1 TI1-UCC21732-Q1 Datasheet
57Kb / 4P
Single Channel Isolated Gate Driver for SiC/IGBT with Advanced Protection and High-CMTI
logo
IXYS Corporation
IX6611 IXYS-IX6611 Datasheet
1Mb / 15P
IGBT Gate Driver
logo
Texas Instruments
UCC21750 TI1-UCC21750 Datasheet
542Kb / 6P
single channel isolated gate driver for SiC/IGBT with advanced protection and high-CMTI
UCC21710-Q1 TI1-UCC21710-Q1 Datasheet
543Kb / 6P
single channel isolated gate driver for SiC/IGBT with advanced protection and high-CMTI
UCC21732-Q1 TI1-UCC21732-Q1_19 Datasheet
57Kb / 4P
Single Channel Isolated Gate Driver for SiC/IGBT with Advanced Protection and High-CMTI
logo
NXP Semiconductors
GD3162 NXP-GD3162 Datasheet
218Kb / 11P
Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 1 - 29 November 2022
GD3162 NXP-GD3162_V01 Datasheet
193Kb / 10P
Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 1.1 - 10 May 2023
MC33GD3100 NXP-MC33GD3100 Datasheet
508Kb / 18P
Advanced IGBT/SiC gate driver
Rev. 9.0 - 5 March 2020
MC33GD3100 NXP-MC33GD3100_V01 Datasheet
480Kb / 21P
Advanced IGBT/SiC gate driver
Rev. 10.0 - 29 September 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com