Electronic Components Datasheet Search
  English  ▼

X  

TD1660 Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD1660 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD1660
Download  TD1660 Download
File Size   458.8 Kbytes
Page   13 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 60V/2A Step-Down Converter

TD1660 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD1660 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD1660
Download  TD1660 Click to download

File Size   458.8 Kbytes
Page   13 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 60V/2A Step-Down Converter

TD1660 Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD1660 Product details

General Description
The TD1660 is a high frequency step-down switching
regulator with integrated internal highside high voltage
power MOSFET. It provides 2A output with current mode
control for fast loop response and easy compensation.
The wide 9V to 60V input range accommodates a variety of
step-down applications, including those in automotive input
environment. A 1μA shutdown mode supply current allows
use in battery-powered applications.
High power conversion efficiency over a wide load range is
achieved by scaling down the switching frequency at light
load condition to reduce the switching and gate driving
losses.
The frequency foldback helps prevent inductor current
runaway during startup and thermal shutdown provides
reliable, fault tolerant operation.
The TD1660 is available in ESOP8 package.

Features
 Wide 9V to 60V Operating Input Range
 250mΩ Internal Power MOSFET
 Up to 1MHz Programmable Switching Frequency
 180μA Quiescent Current
 Ceramic Capacitor Stable
 Internal Soft-Start
 Up to 95% Efficiency
 Output Adjustable from 0.8V to 52V
 Available in ESOP8 PbFree Package

Application
 High Voltage Power Conversion
 Automotive Systems
 Industrial Power Systems
 Distributed Power Systems
 Battery Powered Systems




Similar Part No. - TD1660

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TD1600ALF-4 NXP-TD1600ALF-4 Datasheet
490Kb / 27P
Tuner module for digital terrestrial (OFDM) applications
Rev.c-23-04-2007
logo
TECHCODE SEMICONDUCTOR,...
TD1602 TECHCODE-TD1602 Datasheet
326Kb / 10P
3A, 52KHz PWM Buck DC/DC Converter
January, 2, 2020.
TD1609 TECHCODE-TD1609 Datasheet
486Kb / 11P
1.6A 150KHz PWM Buck DC/DC Converter
logo
NXP Semiconductors
TD1611ALFIHP-4 NXP-TD1611ALFIHP-4 Datasheet
490Kb / 27P
Tuner module for digital terrestrial (OFDM) applications
Rev.c-23-04-2007
TD1611ALFIVP-4 NXP-TD1611ALFIVP-4 Datasheet
490Kb / 27P
Tuner module for digital terrestrial (OFDM) applications
Rev.c-23-04-2007
More results


Similar Description - TD1660

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
2A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
2A, 22V, 1.2MHz Step-Down Converter
logo
Active-Semi, Inc
ACT4065A ACTIVE-SEMI-ACT4065A Datasheet
298Kb / 9P
High Input 2A Step Down Converter
Rev 0, 23-Apr-12
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
2A Step-Down Converter
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
3MHz 2A Step-Down Converter
VER 1.1
logo
Lowpower Semiconductor ...
LP3219 POWER-LP3219 Datasheet
855Kb / 12P
1.5MHz, 2A Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com