Electronic Components Datasheet Search
  English  ▼

X  

TD1489 Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD1489 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD1489
Download  TD1489 Download
File Size   1186.3 Kbytes
Page   10 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 40Vin 6A 2-Outputs Buck Converter

TD1489 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD1489 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD1489
Download  TD1489 Click to download

File Size   1186.3 Kbytes
Page   10 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 40Vin 6A 2-Outputs Buck Converter

TD1489 Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD1489 Product details

General Description
TD1489 is a Synchronous Buck Circuit with two current sense
pins suitable for many multi-output applications. It is
designed to allow for operating a wide supply voltage range
from 4.7V to 40V.This IC can operate in both Constant
Current (CC) and Constant Voltage (CV) modes.
TD1489 operates as a Buck Circuit providing a wide range of
outputs at Constant Voltage (CV) from 4.7V to 40V and the
output current as high as 6A or above. It has a Constant
Current (CC) mode so that output current can be set
externally and at an accuracy of ±4%.
The current mode control and external compensation makes
feedback control have good line and load regulation with
flexible external design.

Features
 Vin: 4.7V to 40V
 Vout: 1.2V to Vin*97%V; typical at 5V
 Precision CC/CV Mode Control
 Burst/PFM Mode for Increased Light Load
Efficiency
 2 outputs independent Constant Current setting
 Hiccup mode when output voltage below 50%
normal output voltage
 Protection:
NMOS peak current limit: accuracy:~20%
Output short protection: reduce input current to
less than 20mA (RMS)
Output FB OVP (125% VFB), only turn off High side
MOS.
Temperature shutdown (OTP)
 Adjustable Output Cable Resistance Compensation
 Switching Frequency: 125k+25k
 Integrated Power MOSFET
 QFN32L Package

Applications
 Car Charger
 High-Brightness Lighting
 General-Purpose DC/DC Application




Similar Part No. - TD1489

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1482A TECHCODE-TD1482A Datasheet
965Kb / 15P
2A 20V Synchronous Rectified Step-Down Converte
TD1483A TECHCODE-TD1483A Datasheet
1,019Kb / 15P
2.2A 23V Synchronous Rectified Step-Down Converte
TD1484A TECHCODE-TD1484A Datasheet
1Mb / 15P
3.2A 23V Synchronous Rectified Step-Down Converte
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
3A 23V Synchronous Rectified Step-Down Converter
More results


Similar Description - TD1489

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5313 GMT-G5313 Datasheet
57Kb / 1P
High Efficiency 6A Synchronous Buck Converter
logo
Shenzhen Huazhimei Semi...
HM1461 HMSEMI-HM1461 Datasheet
574Kb / 9P
40Vin 2 Outputs Buck Controller
HM1462 HMSEMI-HM1462 Datasheet
614Kb / 8P
40Vin 2 Outputs COT Buck Controller
HM1465 HMSEMI-HM1465 Datasheet
681Kb / 11P
40Vin 4 Outputs Buck Controller
logo
Maxim Integrated Produc...
MAX20429 MAXIM-MAX20429 Datasheet
715Kb / 18P
Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
logo
Analog Devices
LT8350 AD-LT8350 Datasheet
1Mb / 24P
40VIN, 18VOUT, 6A Synchronous Buck-Boost Silent Switcher
Rev. 0
logo
ACE Technology Co., LTD...
ACE73655Y ACE-ACE73655Y Datasheet
231Kb / 4P
5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter
VER 1.1
logo
Analog Devices
EVAL-LT8350-AZ AD-EVAL-LT8350-AZ Datasheet
1Mb / 10P
40VIN, 18VOUT, 6A Synchronous Buck‑Boost Silent Switcher®
Rev. 0
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
logo
Richtek Technology Corp...
RT6220 RICHTEK-RT6220 Datasheet
259Kb / 20P
6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
July 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com