Electronic Components Datasheet Search
  English  ▼

X  

F59D1G161MB Datasheet (PDF) - Elite Semiconductor Memory Technology Inc.

F59D1G161MB Datasheet PDF - Elite Semiconductor Memory Technology Inc.
Part # F59D1G161MB
Download  F59D1G161MB Download
File Size   2429.45 Kbytes
Page   56 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 1.8V NAND Flash Memory

F59D1G161MB Datasheet (PDF)

Go To PDF Page Download Datasheet
F59D1G161MB Datasheet PDF - Elite Semiconductor Memory Technology Inc.

Part # F59D1G161MB
Download  F59D1G161MB Click to download

File Size   2429.45 Kbytes
Page   56 Pages
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.
Description 1.8V NAND Flash Memory

F59D1G161MB Datasheet (HTML) - Elite Semiconductor Memory Technology Inc.


F59D1G161MB Product details

FEATURES
 Voltage Supply: 1.8V (1.7 V ~ 1.95V)
 Organization
x8:
- Memory Cell Array: (128M + 4M) x 8bit
- Data Register: (2K + 64) x 8bit
x16:
- Memory Cell Array: (64M + 2M) x 16bit
- Data Register: (1K + 32) x 16bit
 Automatic Program and Erase
x8:
- Page Program: (2K + 64) Byte
- Block Erase: (128K + 4K) Byte
x16:
- Page Program: (1K + 32) Word
- Block Erase: (64K + 2K) Word
 Page Read Operation
x8
- Page Size: (2K + 64) Byte (x8)
- Random Read: 25us (Max.)
- Serial Access: 45ns (Min.)
x16
-Page Size: (1K + 32) Word (x16)
 Memory Cell: 1bit/Memory Cell
 Fast Write Cycle Time
x8
- Program time: 300us (Typ.)
- Block Erase time: 4ms (Typ.)
 Command/Address/Data Multiplexed I/O Port
 Hardware Data Protection
- Program/Erase Lockout During Power Transitions
 Reliable CMOS Floating Gate Technology
- ECC Requirement: x8 - 4bit/512Byte,
x16 - 4bit/256Word
- Endurance: 100K Program/Erase Cycles
- Data Retention: 10 Years
 Command Register Operation
 Automatic Page 0 Read at Power-Up Option
- Boot from NAND support
- Automatic Memory Download
 NOP: 4 cycles
 Cache Program/Read Operation for High Performance
Program
 Cache Read Operation
 Copy-Back Operation
 EDO mode
 Bad-Block-Protect
 One Time Program (OTP) Operation





Similar Part No. - F59D1G161MB

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F59D1G161MB-45BG2M ESMT-F59D1G161MB-45BG2M Datasheet
1Mb / 54P
1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
F59D1G161MB-45TG2M ESMT-F59D1G161MB-45TG2M Datasheet
1Mb / 54P
1 Gbit (128M x 8/ 64M x 16) 1.8V NAND Flash Memory
More results


Similar Description - F59D1G161MB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F1208Q0A SAMSUNG-K9F1208Q0A Datasheet
655Kb / 39P
512Mb/256Mb 1.8V NAND Flash Errata
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
NAND Flash Memory Controller
ML54053 OKI-ML54053 Datasheet
222Kb / 26P
NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
SPI-NAND Flash Memory
logo
Macronix International
MX30UF4G28AB-XKI MCNIX-MX30UF4G28AB-XKI Datasheet
1Mb / 85P
1.8V, 2G/4G-bit NAND Flash Memory
logo
Elite Semiconductor Mem...
F59D8G81XB ESMT-F59D8G81XB Datasheet
2Mb / 84P
8 Gbit (1Gb x 8) 1.8V NAND Flash Memory
F59D4G81XB ESMT-F59D4G81XB Datasheet
2Mb / 88P
4 Gbit (512M x 8) 1.8V NAND Flash Memory
F59D4G81KA ESMT-F59D4G81KA Datasheet
1Mb / 50P
4 Gbit (512M x 8) 1.8V NAND Flash Memory
F59D2G81XA ESMT-F59D2G81XA Datasheet
2Mb / 84P
2 Gbit (256M x 8) 1.8V NAND Flash Memory
F59D2G81KA ESMT-F59D2G81KA Datasheet
985Kb / 60P
2 Gbit (256M x 8) 1.8V NAND Flash Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com