Electronic Components Datasheet Search
  English  ▼

X  

1974834 Datasheet (PDF) - PHOENIX CONTACT

1974834 Datasheet PDF - PHOENIX CONTACT
Part # 1974834
Download  1974834 Download
File Size   1362.43 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCS 2,5/12-ST - PCB connector

1974834 Datasheet (PDF)

Go To PDF Page Download Datasheet
1974834 Datasheet PDF - PHOENIX CONTACT

Part # 1974834
Download  1974834 Click to download

File Size   1362.43 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCS 2,5/12-ST - PCB connector

1974834 Datasheet (HTML) - PHOENIX CONTACT


1974834 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
12, number of rows: 1, number of positions: 12, number of connections: 12, product range:
FKCS 2,5/..-ST, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Quick and convenient testing using integrated test option
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1974834

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1974800000 WEIDMULLER-1974800000 Datasheet
437Kb / 4P
BCL-SMT 3.81/05/90 1.5SN BK BX
1974820000 WEIDMULLER-1974820000 Datasheet
513Kb / 4P
BCL-SMT 3.81/06/90 1.5SN BK BX
logo
PHOENIX CONTACT
1974821 PHOENIX-1974821 Datasheet
1Mb / 24P
FKCS 2,5/11-ST - PCB connector
logo
Weidmuller
1974840000 WEIDMULLER-1974840000 Datasheet
438Kb / 4P
BCL-SMT 3.81/07/90 1.5SN BK BX
logo
PHOENIX CONTACT
1974847 PHOENIX-1974847 Datasheet
1Mb / 16P
FKCS 2,5/13-ST - PCB connector
More results


Similar Description - 1974834

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1975079 PHOENIX-1975079 Datasheet
148Kb / 7P
FKCS 2,5/ 2-ST-5,08
1808666 PHOENIX-1808666 Datasheet
79Kb / 7P
Printed-circuit board connector - FKCS 2,5/12-ST-5,08-RF
1975082 PHOENIX-1975082 Datasheet
148Kb / 7P
FKCS 2,5/ 3-ST-5,08
1975095 PHOENIX-1975095 Datasheet
148Kb / 7P
FKCS 2,5/ 4-ST-5,08
1975176 PHOENIX-1975176 Datasheet
232Kb / 16P
Printed-circuit board connector - FKCS 2,5/12-ST-5,08
09/12/2020
1974795 PHOENIX-1974795 Datasheet
1Mb / 24P
FKCS 2,5/ 8-ST - PCB connector
1975192 PHOENIX-1975192 Datasheet
1Mb / 27P
FKCS 2,5/14-ST-5,08 - PCB connector
1974779 PHOENIX-1974779 Datasheet
1Mb / 24P
FKCS 2,5/ 6-ST - PCB connector
1975118 PHOENIX-1975118 Datasheet
1Mb / 31P
FKCS 2,5/ 6-ST-5,08 - PCB connector
1975105 PHOENIX-1975105 Datasheet
1Mb / 30P
FKCS 2,5/ 5-ST-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com