Electronic Components Datasheet Search
  English  ▼

X  

1848561 Datasheet (PDF) - PHOENIX CONTACT

1848561 Datasheet PDF - PHOENIX CONTACT
Part # 1848561
Download  1848561 Download
File Size   300.37 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTS 1,5/ 5-PH-5,0 CLIP - PCB connector

1848561 Datasheet (PDF)

Go To PDF Page Download Datasheet
1848561 Datasheet PDF - PHOENIX CONTACT

Part # 1848561
Download  1848561 Click to download

File Size   300.37 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTS 1,5/ 5-PH-5,0 CLIP - PCB connector

1848561 Datasheet (HTML) - PHOENIX CONTACT


1848561 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 10 A, rated
voltage (III/2): 400 V, contact surface: Sn, contact connection type: Socket, number of potentials:
5, number of rows: 1, number of positions: 5, number of connections: 5, product range: PTS 1,5/.
.-PH CLIP, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON PST 1,3, locking: without, type of
packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Can be snapped into device housing thanks to CLIP geometry
• Largest possible clamping space in a small component size




Similar Part No. - 1848561

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18485 ATOM-18485 Datasheet
266Kb / 2P
Mooloolah Mini
20th of January 2025 21:11:26
logo
PHOENIX CONTACT
1848503 PHOENIX-1848503 Datasheet
56Kb / 3P
PCB - PTF 0,3/ 4-FLEX-I-10
1848516 PHOENIX-1848516 Datasheet
56Kb / 3P
PCB - PTF 0,3/ 4-FLEX-L-10
1848529 PHOENIX-1848529 Datasheet
57Kb / 3P
PCB - PTF 0,3/ 4-FLEX-T-10
1848532 PHOENIX-1848532 Datasheet
431Kb / 12P
PTS 1,5/ 2-PH-5,0 CLIP - Printed-circuit board connector
More results


Similar Description - 1848561

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755761 PHOENIX-1755761 Datasheet
97Kb / 4P
PT 1,5/ 5-PH-5,0 CLIP
1805562 PHOENIX-1805562 Datasheet
69Kb / 3P
Printed-circuit board connector - PTS 1,5/ 7-PH-5,0
1805588 PHOENIX-1805588 Datasheet
69Kb / 3P
Printed-circuit board connector - PTS 1,5/ 9-PH-5,0
1805520 PHOENIX-1805520 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 3-PH-5,0
09/12/2020
1805546 PHOENIX-1805546 Datasheet
109Kb / 6P
Printed-circuit board connector - PTS 1,5/ 5-PH-5,0
09/12/2020
1805559 PHOENIX-1805559 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 6-PH-5,0
09/12/2020
1848558 PHOENIX-1848558 Datasheet
117Kb / 6P
Printed-circuit board connector - PTS 1,5/ 4-PH-5,0 CLIP
09/12/2020
1848639 PHOENIX-1848639 Datasheet
116Kb / 6P
Printed-circuit board connector - PTS 1,5/12-PH-5,0 CLIP
09/12/2020
1848590 PHOENIX-1848590 Datasheet
433Kb / 12P
PTS 1,5/ 8-PH-5,0 CLIP - Printed-circuit board connector
1848532 PHOENIX-1848532 Datasheet
431Kb / 12P
PTS 1,5/ 2-PH-5,0 CLIP - Printed-circuit board connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com