Electronic Components Datasheet Search
  English  ▼

X  

1769638 Datasheet (PDF) - PHOENIX CONTACT

1769638 Datasheet PDF - PHOENIX CONTACT
Part # 1769638
Download  1769638 Download
File Size   982.68 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMSTB 2,5/19-G-5,08 - PCB header

1769638 Datasheet (PDF)

Go To PDF Page Download Datasheet
1769638 Datasheet PDF - PHOENIX CONTACT

Part # 1769638
Download  1769638 Click to download

File Size   982.68 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMSTB 2,5/19-G-5,08 - PCB header

1769638 Datasheet (HTML) - PHOENIX CONTACT


1769638 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 19, number
of rows: 1, number of positions: 19, number of connections: 19, product range: SMSTB 2,5/..-G,
pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known mounting principle allows worldwide use
• Angled connection enables multi-row arrangement on the PCB




Similar Part No. - 1769638

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1769604 PHOENIX-1769604 Datasheet
192Kb / 4P
SACC-FP-F-M12/PRESS THR PW PPI - Housing screw connection
1769609 PHOENIX-1769609 Datasheet
157Kb / 6P
The figure shows a 10-position version of the product
1769609 PHOENIX-1769609 Datasheet
147Kb / 7P
MSTB 2,5/16-ST-5,08
1769609 PHOENIX-1769609 Datasheet
172Kb / 6P
MVSTBR 2,5/16-ST-5,08
1769609 PHOENIX-1769609 Datasheet
154Kb / 7P
FRONT-MSTB 2,5/16-ST-5,08
More results


Similar Description - 1769638

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757417 PHOENIX-1757417 Datasheet
536Kb / 14P
MSTBA 2,5/19-G-5,08
1769476 PHOENIX-1769476 Datasheet
78Kb / 5P
Base strip - SMSTB 2,5/ 3-G-5,08
1769502 PHOENIX-1769502 Datasheet
78Kb / 5P
Base strip - SMSTB 2,5/ 6-G-5,08
1769586 PHOENIX-1769586 Datasheet
78Kb / 5P
Base strip - SMSTB 2,5/14-G-5,08
1769612 PHOENIX-1769612 Datasheet
74Kb / 4P
Base strip - SMSTB 2,5/17-G-5,08
1769667 PHOENIX-1769667 Datasheet
77Kb / 4P
Base strip - SMSTB 2,5/22-G-5,08
1769683 PHOENIX-1769683 Datasheet
77Kb / 4P
Base strip - SMSTB 2,5/24-G-5,08
1971073 PHOENIX-1971073 Datasheet
785Kb / 19P
PCB connector - SMSTB 2,5/ 3-STF-5,08
1971060 PHOENIX-1971060 Datasheet
777Kb / 19P
SMSTB 2,5/ 2-STF-5,08 - PCB connector
1767546 PHOENIX-1767546 Datasheet
1Mb / 20P
SMSTBA 2,5/19-G-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com