Electronic Components Datasheet Search
  English  ▼

X  

1735950 Datasheet (PDF) - PHOENIX CONTACT

1735950 Datasheet PDF - PHOENIX CONTACT
Part # 1735950
Download  1735950 Download
File Size   1083.21 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBW 2,5/18-G - PCB header

1735950 Datasheet (PDF)

Go To PDF Page Download Datasheet
1735950 Datasheet PDF - PHOENIX CONTACT

Part # 1735950
Download  1735950 Click to download

File Size   1083.21 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBW 2,5/18-G - PCB header

1735950 Datasheet (HTML) - PHOENIX CONTACT


1735950 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 18, number
of rows: 1, number of positions: 18, number of connections: 18, product range: MSTBW 2,5/..-G,
pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known mounting principle allows worldwide use
• Stand-offs enable the PCB to be cleaned or sealed




Similar Part No. - 1735950

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1735901 PHOENIX-1735901 Datasheet
87Kb / 5P
PCB terminal block - SPT 16/ 5-V-10,0-ZB
1735914 PHOENIX-1735914 Datasheet
87Kb / 5P
PCB terminal block - SPT 16/ 6-V-10,0-ZB
1735921 PHOENIX-1735921 Datasheet
1Mb / 18P
MSTBW 2,5/21-G - PCB header
1735927 PHOENIX-1735927 Datasheet
87Kb / 5P
PCB terminal block - SPT 16/ 7-V-10,0-ZB
1735930 PHOENIX-1735930 Datasheet
87Kb / 5P
PCB terminal block - SPT 16/ 8-V-10,0-ZB
More results


Similar Description - 1735950

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1723777 PHOENIX-1723777 Datasheet
96Kb / 2P
MSTBW 2,5/ 3-G BG
1735879 PHOENIX-1735879 Datasheet
317Kb / 14P
Feed-through header - MSTBW 2,5/ 3-G-5,08
1974559 PHOENIX-1974559 Datasheet
96Kb / 2P
MSTBW 2,5/ 3-G BK
1724213 PHOENIX-1724213 Datasheet
96Kb / 2P
MSTBW 2,5/ 7-G BG
5606782 PHOENIX-5606782 Datasheet
78Kb / 3P
Header - MSTBW 2,5/ 3-G CRWH 2CR 1,2
11/05/2018
1735756 PHOENIX-1735756 Datasheet
349Kb / 17P
Feed-through header - MSTBW 2,5/15-G-5,08
09/11/2020
1735772 PHOENIX-1735772 Datasheet
346Kb / 17P
Feed-through header - MSTBW 2,5/13-G-5,08
09/11/2020
1735808 PHOENIX-1735808 Datasheet
358Kb / 17P
Feed-through header - MSTBW 2,5/10-G-5,08
09/11/2020
1735837 PHOENIX-1735837 Datasheet
357Kb / 17P
Feed-through header - MSTBW 2,5/ 7-G-5,08
09/11/2020
1735853 PHOENIX-1735853 Datasheet
662Kb / 19P
PCB header - MSTBW 2,5/ 5-G-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com