Electronic Components Datasheet Search
  English  ▼

X  

MPQ6653-AEC1 Datasheet (PDF) - Monolithic Power Systems

MPQ6653-AEC1 Datasheet PDF - Monolithic Power Systems
Part # MPQ6653-AEC1
Download  MPQ6653-AEC1 Download
File Size   707.44 Kbytes
Page   30 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 35V, Single-Phase BLDC Motor Driver with Embedded Hall Sensor, AEC-Q100 Qualified

MPQ6653-AEC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ6653-AEC1 Datasheet PDF - Monolithic Power Systems

Part # MPQ6653-AEC1
Download  MPQ6653-AEC1 Click to download

File Size   707.44 Kbytes
Page   30 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 35V, Single-Phase BLDC Motor Driver with Embedded Hall Sensor, AEC-Q100 Qualified

MPQ6653-AEC1 Datasheet (HTML) - Monolithic Power Systems


MPQ6653-AEC1 Product details

DESCRIPTION
The MPQ6653-AEC1 is a single-phase
brushless DC (BLDC) motor driver with
integrated power MOSFETs and an embedded
Hall sensor. It drives a single-phase BLDC
motor, with up to 1.2A of phase peak current.
The input voltage (VIN) range is between 5.5V
and 35V.
The MPQ6653-AEC1 controls the motor speed
through the pulse-width modulation (PWM)
signal or the DC voltage on the PWM pin. The
device features configurable soft commutation
and a Hall offset angle that can flexibly optimize
performance.
The MPQ6653-AEC1 also provides rotational
speed detection. The rotational speed detector
(the FG/RD pin) is an open-drain output that
outputs a high or low voltage relative to the
internal Hall comparator’s output.
Rich protections include input over-voltage
protection (OVP), under-voltage lockout (UVLO),
locked-rotor protection, over-current protection
(OCP), and thermal shutdown protection.
The MPQ6653-AEC1 is available in TSOT23-6-
SL and TSOT23-6 packages, and it is available
in AEC-Q100 Grade 1.

FEATURES
• 5.5V to 35V Operating Input Voltage (VIN)
Range
• On-Chip Hall Sensor
• Integrated High-Side MOSFET (HS-FET)
and Low-Side MOSFET (LS-FET): 960mΩ
• Soft Commutation
• Starting Duty Set with Hysteresis
• Selectable Open-Loop or Closed-Loop
Speed Control
• Configurable Soft Accelerate Time
• Configurable Hall Leading/Lag Angle
• Supports 50Hz to 100kHz Pulse-Width
Modulation (PWM) Input Frequency or DC
Input
• Automatic Reverse Current Block
• 24kHz PWM Output Frequency
• Configurable Current Limit
• Short-Circuit Protection (SCP)
• Over-Voltage Protection (OVP)
• Standby Mode
• Selectable FG and RD Output
• Available in TSOT23-6-SL and TSOT23-6
Packages
• Available in AEC-Q100 Grade 1

APPLICATIONS
• Seat Fans
• Automotive Fans
• Cooling Fans
• General Fans




Similar Part No. - MPQ6653-AEC1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPQ6600 MOTOROLA-MPQ6600 Datasheet
82Kb / 2P
QUAD DUAL-IN-LINE SILICON ANNULAR TRANSISTORS
MPQ6600A MOTOROLA-MPQ6600A Datasheet
82Kb / 2P
QUAD DUAL-IN-LINE SILICON ANNULAR TRANSISTORS
logo
Monolithic Power System...
MPQ6610 MPS-MPQ6610 Datasheet
1Mb / 16P
55V, 3A, Half-Bridge Power Driver,AEC-Q100 Qualified
Rev. 1.0 11/20/2020
MPQ6610GJ-AEC1 MPS-MPQ6610GJ-AEC1 Datasheet
1Mb / 16P
55V, 3A, Half-Bridge Power Driver,AEC-Q100 Qualified
Rev. 1.0 11/20/2020
MPQ6610GJAEC1-Z MPS-MPQ6610GJAEC1-Z Datasheet
1Mb / 16P
55V, 3A, Half-Bridge Power Driver,AEC-Q100 Qualified
Rev. 1.0 11/20/2020
More results


Similar Description - MPQ6653-AEC1

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
AEC-Q100 Qualified
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
AEC-Q100 Qualified
logo
Monolithic Power System...
MP6517 MPS-MP6517 Datasheet
515Kb / 19P
Programmable Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
MP9518 MPS-MP9518 Datasheet
607Kb / 14P
Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com