Electronic Components Datasheet Search
  English  ▼

X  

MPQ6631HGLTE Datasheet (PDF) - Monolithic Power Systems

MPQ6631HGLTE Datasheet PDF - Monolithic Power Systems
Part # MPQ6631HGLTE
Download  MPQ6631HGLTE Download
File Size   1075.89 Kbytes
Page   28 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 35V Input, 3A Peak Phase Current, 3-Phase BLDC Motor Driver, AEC-Q100 Qualified

MPQ6631HGLTE Datasheet (PDF)

Go To PDF Page Download Datasheet
MPQ6631HGLTE Datasheet PDF - Monolithic Power Systems

Part # MPQ6631HGLTE
Download  MPQ6631HGLTE Click to download

File Size   1075.89 Kbytes
Page   28 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 35V Input, 3A Peak Phase Current, 3-Phase BLDC Motor Driver, AEC-Q100 Qualified

MPQ6631HGLTE Datasheet (HTML) - Monolithic Power Systems


MPQ6631HGLTE Product details

DESCRIPTION
The MPQ6631H is a three-phase, brushless DC
(BLDC) motor driver with integrated power
MOSFETs. The device supports a single
external Hall sensor or three external Hall-effect
sensors to drive a three-phase BLDC motor,
with up to 3A of peak phase current and an
input voltage (VIN) range between 3.6V and 35V.
The MPQ6631H controls the motor speed
through the pulse-width modulation (PWM)
signal or the DC signal on the PWM/DC pin with
closed-/open-loop control. The device features
a built-in, configurable speed curve function. It
also features a sinusoidal drive for maximum
torque, as well as low speed ripple and noise
across the full speed range.
The MPQ6631H provides rotational speed
detection. The rotational speed detector (the
FG/RD pin) is an open-drain output. It outputs a
high or low voltage relative to the Hall
comparator’s output. Direction control is
achieved via the DIR pin’s input.
Rich protection features include input overvoltage protection (OVP), under-voltage lockout
(UVLO), locked-rotor protection, over-current
protection (OCP), and thermal shutdown
protection.
The MPQ6631H is available in a TQFN-26
(3mmx4mm) package with wettable flanks. It is
available in AEC-Q100 Grade 1.

FEATURES
• 3.6V to 35V Operating Input Voltage (VIN)
Range
• Up to 3A of Peak Phase Current
• Integrated 160mΩ High-Side MOSFETs
(HS-FETs) and Low-Side MOSFETs (LSFETs)
• Sinusoidal Drive
• Supports a 0V to 1.2V DC Input or 1kHz to
100kHz Pulse-Width Modulation (PWM)
Input
• Supports Triple-Hall or Single-Hall Inputs
• Closed-/Open-Loop Speed Control
• Direction/Brake Input
• Power-Save Mode
• 0.5s/4.5s Lock Protection
• Over-Current Protection (OCP)
• Single-Pulse or Triple-Pulse FG Output per
Electrical Cycle
• FG Signal: Rotational Speed Indication
• Soft Start (SS) for Low Noise and Current
Overshoot
• Available in a TQFN-26 (3mmx4mm)
Package with Wettable Flanks
• Available in AEC-Q100 Grade 1

APPLICATIONS
• Fans
• Automotive Fans
• General Three-Phase Brushless DC (BLDC)
Motors
• Pumps




Similar Part No. - MPQ6631HGLTE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ6631H MPS-MPQ6631H Datasheet
1Mb / 28P
35V Input, 3A Peak Phase Current, 3-Phase BLDC Motor Driver, AEC-Q100 Qualified
Rev. 1.0
More results


Similar Description - MPQ6631HGLTE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
3 phase BLDC Motor Driver IC
logo
Micrel Semiconductor
MAQ4123 MICREL-MAQ4123 Datasheet
489Kb / 18P
Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
3-Phase Sensorless BLDC Motor Driver
logo
Monolithic Power System...
MP6631 MPS-MP6631 Datasheet
1Mb / 27P
24V Input, 3A Peak Phase Current,Three-Phase BLDC Motor Driver
Rev. 1.1 2/21/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com