Electronic Components Datasheet Search
  English  ▼

X  

HR1213GY Datasheet (PDF) - Monolithic Power Systems

HR1213GY Datasheet PDF - Monolithic Power Systems
Part # HR1213GY
Download  HR1213GY Download
File Size   1712.81 Kbytes
Page   40 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Multi-Mode PFC and Current Mode LLC Combo Controller Supporting both AC and DC Inputs with Configurable Bias Options

HR1213GY Datasheet (PDF)

Go To PDF Page Download Datasheet
HR1213GY Datasheet PDF - Monolithic Power Systems

Part # HR1213GY
Download  HR1213GY Click to download

File Size   1712.81 Kbytes
Page   40 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Multi-Mode PFC and Current Mode LLC Combo Controller Supporting both AC and DC Inputs with Configurable Bias Options

HR1213GY Datasheet (HTML) - Monolithic Power Systems


HR1213GY Product details

DESCRIPTION
The HR1213 is a multi-mode PFC and current
mode LLC combo controller that can be
configured via the UART interface. Powersaving technology helps the device optimize
efficiency across the full operating range.
The PFC controller employs a patented, digital
average current control scheme to achieve
hybrid continuous conduction mode (CCM) and
discontinuous conduction mode (DCM)
operation. Under heavy loads, CCM reduces the
peak MOSFET current so the controller can be
used across a wider load range. Under light
loads, DCM reduces the switching frequency for
better efficiency. Burst mode has configurable,
digital soft switching to improve both light-load
efficiency and audible noise.
Current mode control is implemented in the LLC
stage to achieve good stability and fast
response. Three operation modes are
implemented based on the different load
conditions: steady state, skip, and burst mode.
This allows different load conditions to be
independently optimized for efficiency. At light
loads, digital, frequency-controlled burst mode is
applied to reduce both switching power loss and
audible noise. Adaptive dead-time adjustment
(ADTA) and capacitive mode protection (CMP) is
also applied to guarantee zero-voltage switching
(ZVS) without capacitive mode operation.
The HR1213 has an internal, high-voltage (HV)
current source for start-up, meaning that a
traditional start-up resistor or external circuit is
not required. An external DC source can provide
a supply for VCC.
Protections include thermal shutdown (TSD),
PFC open-loop protection (OLP), over-voltage
protection (OVP), over-current limit (OCL) and
LLC over-current protection (OCP), SO pin
protection, and over-power protection (OPP).
The HR1213 is available in SOIC-20 and
TSSOP-20 packages.

FEATURES
• General System Features:
o High-Voltage Current Source for StartUp
o UART Interface for Configurations
o User-Friendly GUI
o Available in SOIC-20 and TSSOP-20
Packages
• PFC Controller:
o CCM/DCM Multi-Mode PFC Control with
High Efficiency across All Loads
o Operating Frequency Up to 250kHz
o High PF due to Input Capacitor Current
Compensation
o Configurable Frequency Jittering
o Configurable Soft Start and Burst On
o Configurable AC Input Brown-In/Out
o Cycle-by-Cycle Current Limiting
o OLP, OVP
• LLC Controller:
o 600V HS Gate Driver with Bootstrap
Diode and High dV/dt Immunity
o Current Mode Control
o Up to 500kHz in Steady State
o Adaptive Dead-Time Adjustment with
Minimum and Maximum Limit
o Burst/Skip Mode Switching under Light
Loads
o Configurable Burst Frequency with Low
Audible Noise
o Configurable Soft Start
o Configurable DC Input Brown-In/Out
o Capacitive Mode Protection
o OCP and OPP with Auto-Restart or
Latch-Off Mode
o Configurable Protections on the SO Pin

APPLICATIONS
• Desktop PCs and ATX Power Supplies
• All-in-One and Gaming Power Supplies
• Notebook Adapters
• TV Power Supplies
• Power Tools Power Supplies
• LED Drivers




Similar Part No. - HR1213GY

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
HR1213GM MPS-HR1213GM Datasheet
1Mb / 40P
Multi-Mode PFC and Current Mode LLC Combo Controller Supporting both AC and DC Inputs with Configurable Bias Options
Rev. 1.0
More results


Similar Description - HR1213GY

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PLC810PG POWERINT-PLC810PG Datasheet
1Mb / 26P
Continuous Mode PFC & LLC Controller Continuous Mode PFC & LLC Controller
logo
NXP Semiconductors
TEA2017AAT NXP-TEA2017AAT Datasheet
605Kb / 63P
Digital configurable LLC and multimode PFC controller
Rev. 1-14 June 2021
TEA6017AT NXP-TEA6017AT Datasheet
609Kb / 63P
Digital configurable LLC and multimode PFC controller
Rev. 1-11 March 2022
logo
STMicroelectronics
STNRG011A STMICROELECTRONICS-STNRG011A Datasheet
1Mb / 31P
Digital combo multi-mode PFC and time-shift LLC resonant controller
Rev 2 - July 2022 For further information contact
logo
Monolithic Power System...
HR1211 MPS-HR1211 Datasheet
2Mb / 39P
Multi-Mode PFC and Current Mode LLC Controller with Configurable Audible Noise Reduction Control
1/4/2021
logo
STMicroelectronics
STNRG011 STMICROELECTRONICS-STNRG011 Datasheet
400Kb / 31P
Digital combo multi-mode PFC and time-shift LLC resonant controller
26-Feb-2021
logo
NXP Semiconductors
TEA2017AAT NXP-TEA2017AAT_V01 Datasheet
621Kb / 69P
Digital configurable LLC and multimode PFC controller
Rev. 1.1 - 17 May 2023
TEA2017ABT NXP-TEA2017ABT_V01 Datasheet
614Kb / 67P
Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 - 17 May 2023
TEA2017AAT NXP-TEA2017AAT_V02 Datasheet
608Kb / 66P
Digital configurable LLC and multimode PFC controller
Rev. 1.2 - 31 July 2023
TEA2017ABT NXP-TEA2017ABT_V02 Datasheet
604Kb / 66P
Digital configurable LLC and DCM/QR PFC controller
Rev. 1.1 - 31 July 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com