Electronic Components Datasheet Search
  English  ▼

X  

1984206 Datasheet (PDF) - PHOENIX CONTACT

1984206 Datasheet PDF - PHOENIX CONTACT
Part # 1984206
Download  1984206 Download
File Size   292.62 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/ 6-PVH-3,5-A - PCB connector

1984206 Datasheet (PDF)

Go To PDF Page Download Datasheet
1984206 Datasheet PDF - PHOENIX CONTACT

Part # 1984206
Download  1984206 Click to download

File Size   292.62 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/ 6-PVH-3,5-A - PCB connector

1984206 Datasheet (HTML) - PHOENIX CONTACT


1984206 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 6 A, rated voltage
(III/2): 200 V, contact surface: Sn, contact connection type: Socket, number of potentials: 6,
number of rows: 1, number of positions: 6, number of connections: 6, product range: PT 1,5/..-
PVH-A, pitch: 3.5 mm, connection method: Screw connection with wire protector, screw head
form: H0L Slotted Phillips recess, conductor/PCB connection direction: 0 °, plug-in system:
COMBICON PST 1,0, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• High terminal block capacity thanks to rectangular terminal block space
• Allows connection of two conductors
• Horizontal and vertical connection option for optimum conductor routing
• Items that can be aligned in various pitches support flexible and space-saving PCB assembly




Similar Part No. - 1984206

ManufacturerPart #DatasheetDescription
logo
DESCO INDUSTRIES INC
19842 DESCO-19842 Datasheet
704Kb / 5P
WRIST STRAPS & COIL CORDS
logo
PHOENIX CONTACT
1984219 PHOENIX-1984219 Datasheet
326Kb / 11P
PT 1,5/ 7-PVH-3,5-A - PCB connector
1984222 PHOENIX-1984222 Datasheet
54Kb / 4P
PCB terminal block - PT 1,5/ 8-PVH-3,5-A
1984235 PHOENIX-1984235 Datasheet
326Kb / 11P
PT 1,5/ 9-PVH-3,5-A - PCB connector
1984248 PHOENIX-1984248 Datasheet
325Kb / 11P
PT 1,5/10-PVH-3,5-A - PCB connector
More results


Similar Description - 1984206

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1984028 PHOENIX-1984028 Datasheet
469Kb / 12P
PCB connector - PT 1,5/ 3-PVH-3,5
Jul 20, 2022
1984031 PHOENIX-1984031 Datasheet
448Kb / 12P
PCB connector - PT 1,5/ 4-PVH-3,5
Jul 20, 2022
1984073 PHOENIX-1984073 Datasheet
469Kb / 12P
PCB connector - PT 1,5/ 8-PVH-3,5
Jul 20, 2022
1984044 PHOENIX-1984044 Datasheet
470Kb / 12P
PCB connector - PT 1,5/ 5-PVH-3,5
Jul 21, 2022
1984057 PHOENIX-1984057 Datasheet
470Kb / 12P
PCB connector - PT 1,5/ 6-PVH-3,5
Jul 21, 2022
1984060 PHOENIX-1984060 Datasheet
434Kb / 12P
PCB connector - PT 1,5/ 7-PVH-3,5
Sep 8, 2022
1984086 PHOENIX-1984086 Datasheet
350Kb / 11P
PCB connector - PT 1,5/ 9-PVH-3,5
Nov 30, 2022
1984125 PHOENIX-1984125 Datasheet
354Kb / 11P
PCB connector - PT 1,5/13-PVH-3,5
1984154 PHOENIX-1984154 Datasheet
354Kb / 11P
PCB connector - PT 1,5/16-PVH-3,5
1984183 PHOENIX-1984183 Datasheet
253Kb / 9P
PCB connector - PT 1,5/ 4-PVH-3,5-A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com