Electronic Components Datasheet Search
  English  ▼

X  

1765849 Datasheet (PDF) - PHOENIX CONTACT

1765849 Datasheet PDF - PHOENIX CONTACT
Part # 1765849
Download  1765849 Download
File Size   1328.51 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBP 2,5/ 9-ST - PCB connector

1765849 Datasheet (PDF)

Go To PDF Page Download Datasheet
1765849 Datasheet PDF - PHOENIX CONTACT

Part # 1765849
Download  1765849 Click to download

File Size   1328.51 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBP 2,5/ 9-ST - PCB connector

1765849 Datasheet (HTML) - PHOENIX CONTACT


1765849 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
9, number of rows: 1, number of positions: 9, number of connections: 9, product range: MSTBP
2,5/..-ST, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: without, mounting: without, type of packaging: packed
in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Quick and convenient testing using integrated test option
• Allows connection of two conductors




Similar Part No. - 1765849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1765807 PHOENIX-1765807 Datasheet
317Kb / 6P
MSTB 2,5/ 5-G
1765807 PHOENIX-1765807 Datasheet
145Kb / 5P
MSTBV 2,5/ 5-G
1765810 PHOENIX-1765810 Datasheet
145Kb / 5P
MSTB 2,5/ 6-G
1765810 PHOENIX-1765810 Datasheet
180Kb / 5P
MDSTB 2,5/ 6-G1
1765810 PHOENIX-1765810 Datasheet
106Kb / 4P
MSTB 2,5/ 6-G BK
More results


Similar Description - 1765849

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1769036 PHOENIX-1769036 Datasheet
146Kb / 10P
Printed-circuit board connector - MSTBP 2,5/ 4-ST-5,08
1769146 PHOENIX-1769146 Datasheet
131Kb / 9P
Printed-circuit board connector - MSTBP 2,5/15-ST-5,08
1769159 PHOENIX-1769159 Datasheet
158Kb / 6P
MSTBP 2,5/16-ST-5,08
1765823 PHOENIX-1765823 Datasheet
130Kb / 10P
Printed-circuit board connector - MSTBP 2,5/ 7-ST
1765865 PHOENIX-1765865 Datasheet
123Kb / 9P
Printed-circuit board connector - MSTBP 2,5/11-ST
1765904 PHOENIX-1765904 Datasheet
117Kb / 8P
Printed-circuit board connector - MSTBP 2,5/15-ST
1765917 PHOENIX-1765917 Datasheet
117Kb / 8P
Printed-circuit board connector - MSTBP 2,5/16-ST
1912919 PHOENIX-1912919 Datasheet
390Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 9-ST-5,08
Nov 30, 2022
1912809 PHOENIX-1912809 Datasheet
301Kb / 11P
MVSTBW 2,5 HC/ 9-ST - PCB connector
1912362 PHOENIX-1912362 Datasheet
523Kb / 15P
MVSTBR 2,5 HC/ 9-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com