Electronic Components Datasheet Search
  English  ▼

X  

TPS51388 Datasheet (PDF) - Texas Instruments

TPS51388 Datasheet PDF - Texas Instruments
Part # TPS51388
Download  TPS51388 Download
File Size   1672.03 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS51388 4.5V to 24V, 12A, Synchronous Buck Converter

TPS51388 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS51388 Datasheet PDF - Texas Instruments

Part # TPS51388
Download  TPS51388 Click to download

File Size   1672.03 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TPS51388 4.5V to 24V, 12A, Synchronous Buck Converter

TPS51388 Datasheet (HTML) - Texas Instruments


TPS51388 Product details

1 Features
• 4.5V to 24V input voltage range
• 0.6V to 5.5V output voltage
• Integrated 9.2mΩ and 4.5mΩ FETs
• Support 12A continuous output current
• 90uA low quiescent current
• ± 1.0% reference voltage accuracy (25°C)
• D-CAP3™ control mode architecture control for fast
transient response
• Support POSCAP and all MLCC output capacitor
• Selectable Eco-mode and Out-of-Audio™ mode
with dynamic change
• ULQ™ extended battery life during system standby
• Built-in output discharge function
• Integrated power-good indicator
• 600kHz and 1MHz selectable switching frequency
• Fixed 1.0ms soft-start time
• Large duty cycle operation
• Cycle-by-cycle overcurrent and negative
overcurrent protection
• Latched output OV and UV protections
• Non-latched UVLO and OT protections
• –20°C to 125°C operating junction temperature
• 13-pin 3.0mm × 4.0mm HotRod™ VQFN package
• Create a custom design using the TPS51388 with
the WEBENCH® Power Designer

2 Applications
• Notebook and PC computers
• Ultrabook, handheld tablet computers
• Industrial PC, single-board computers
• Non-military drone
• Distributed power systems

3 Description
The device is a monolithic, 12A, synchronous buck
converter with integrated MOSFETs that enable
high efficiency and offer ease-of-use with minimum
external component count for space-conscious power
systems.
The TPS51388 employs D-CAP3 control mode that
provides fast transient response and excellent line
and load regulation with internal compensation.
The ULQ extended battery life feature is extremely
beneficial for long battery life in low power operation.
The large duty operation greatly improves the load
transient performance when input voltage is low.
The EN pin can be used to set Eco-mode or
Out-of-Audio (OOA) mode for light-load operation.
The Eco-mode maintains high efficiency during light
load operation. The OOA mode keeps the switching
frequency above audible frequency with minimum
reduction in efficiency. The EN pin can be toggled
dynamically, even when the converter is in operation.
The TPS51388 integrates a power-good indicator and
provides an output discharge function. The TPS51388
provides complete protection including OVP, UVP,
OCP, OTP, and UVLO. The device is available in
a 13-pin, 3.0mm × 4.0mm HotRod package, and
the junction temperature is specified from –20°C to
125°C.




Similar Part No. - TPS51388

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS513885 TI1-TPS513885 Datasheet
1Mb / 32P
TPS513885 5.5V to 24V, 12A, Synchronous Buck Converter
MAY 2024
TPS513885 TI1-TPS513885 Datasheet
1Mb / 29P
TPS513885 5.5V to 24V, 12A, Synchronous Buck Converter
JUNE 2024
TPS513885VABR TI1-TPS513885VABR Datasheet
1Mb / 29P
TPS513885 5.5V to 24V, 12A, Synchronous Buck Converter
JUNE 2024
TPS513885 TI1-TPS513885_V01 Datasheet
1Mb / 29P
TPS513885 5.5V to 24V, 12A, Synchronous Buck Converter
JUNE 2024
More results


Similar Description - TPS51388

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7301 ANPEC-APW7301 Datasheet
351Kb / 20P
3A 24V 340kHz synchronous Buck Converter
APW7334 ANPEC-APW7334 Datasheet
269Kb / 15P
2A 24V 340kHz synchronous Buck Converter
logo
List of Unclassifed Man...
ZSPM4023-12 ETC2-ZSPM4023-12 Datasheet
329Kb / 3P
24V/12A Synchronous DC/DC Buck Regulator
logo
Rohm
BD86120EFJ ROHM-BD86120EFJ Datasheet
456Kb / 20P
4.5V to 18V, 5A 1ch Synchronous Buck Converter
BD86123AEFJ ROHM-BD86123AEFJ Datasheet
452Kb / 20P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
BD95835EFJ ROHM-BD95835EFJ Datasheet
585Kb / 23P
4.5V to 18V, 3A 1ch Synchronous Buck Converter
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
AP62800 DIODES-AP62800 Datasheet
1Mb / 26P
4.5V TO 17V INPUT, 8A SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 November 2022
AP62500 DIODES-AP62500 Datasheet
2Mb / 27P
4.5V TO 18V INPUT, 5A SYNCHRONOUS BUCK CONVERTER
November 2022 Rev. 1 - 2
logo
Renesas Technology Corp
ZSPM4023-12 RENESAS-ZSPM4023-12 Datasheet
1Mb / 39P
24V/12A Synchronous DC/DC Buck Regulator
January 27, 2016
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com