Electronic Components Datasheet Search
  English  ▼

X  

1913769 Datasheet (PDF) - PHOENIX CONTACT

1913769 Datasheet PDF - PHOENIX CONTACT
Part # 1913769
Download  1913769 Download
File Size   598.17 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6-16/ 7-GF-10,16 - PCB header

1913769 Datasheet (PDF)

Go To PDF Page Download Datasheet
1913769 Datasheet PDF - PHOENIX CONTACT

Part # 1913769
Download  1913769 Click to download

File Size   598.17 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6-16/ 7-GF-10,16 - PCB header

1913769 Datasheet (HTML) - PHOENIX CONTACT


1913769 Product details

PCB headers, nominal cross section: 6 mm2, color: green, nominal current: 76 A (41 A in
combination with PC 6 plug), rated voltage (III/2): 1000 V, contact surface: Ag, contact
connection type: Pin, number of potentials: 7, number of rows: 1, number of positions: 7, number
of connections: 7, product range: PC 6-16/..-GF, pitch: 10.16 mm, mounting: Wave soldering, pin
layout: Linear pinning, solder pin [P]: 4 mm, number of solder pins per potential: 3, plug-in
system: COMBICON PC 16, Pin connector pattern alignment: Standard, locking: Screw locking
mechanism, mounting: Threaded flange, type of packaging: packed in cardboard, The nominal
current of 76 A applies in connection with connectors from the PC 16 family. 41 A are reached in
connection with PC 6 connectors (50 A in accordance with UL).

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1913769

ManufacturerPart #DatasheetDescription
logo
Lapp.
19137000 LAPP-19137000 Datasheet
128Kb / 2P
EPIC® H-B 32 SG
29.08.2022
19137000 LAPP-19137000 Datasheet
1Mb / 2P
EPIC® Rectangular Connectors
logo
PHOENIX CONTACT
1913714 PHOENIX-1913714 Datasheet
589Kb / 12P
PCB header - PC 6-16/ 2-GF-10,16
Nov 30, 2022
1913727 PHOENIX-1913727 Datasheet
653Kb / 13P
PCB header - PC 6-16/ 3-GF-10,16
1913730 PHOENIX-1913730 Datasheet
650Kb / 13P
PCB header - PC 6-16/ 4-GF-10,16
Jan 3, 2023
More results


Similar Description - 1913769

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1998988 PHOENIX-1998988 Datasheet
121Kb / 4P
PC 6-16/ 7-G1-10,16
1716874 PHOENIX-1716874 Datasheet
254Kb / 7P
PCB header - PC 16 HC/ 6-GL4-10,16
Jul 20, 2022
1913714 PHOENIX-1913714 Datasheet
589Kb / 12P
PCB header - PC 6-16/ 2-GF-10,16
Nov 30, 2022
1913756 PHOENIX-1913756 Datasheet
589Kb / 12P
PCB header - PC 6-16/ 6-GF-10,16
Nov 30, 2022
1701579 PHOENIX-1701579 Datasheet
236Kb / 8P
Feed-through header - DFK-PC 6-16/ 6-GF-10,16
Jan 3, 2023
1913730 PHOENIX-1913730 Datasheet
650Kb / 13P
PCB header - PC 6-16/ 4-GF-10,16
Jan 3, 2023
1913772 PHOENIX-1913772 Datasheet
650Kb / 13P
PCB header - PC 6-16/ 8-GF-10,16
Jan 3, 2023
1701537 PHOENIX-1701537 Datasheet
380Kb / 10P
Feed-through header - DFK-PC 6-16/ 2-GF-10,16
Jan 5, 2023
1913727 PHOENIX-1913727 Datasheet
653Kb / 13P
PCB header - PC 6-16/ 3-GF-10,16
1999042 PHOENIX-1999042 Datasheet
677Kb / 13P
PCB header - PC 6-16/ 6-G1F-10,16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com