Electronic Components Datasheet Search
  English  ▼

X  

2203312 Datasheet (PDF) - PHOENIX CONTACT

2203312 Datasheet PDF - PHOENIX CONTACT
Part # 2203312
Download  2203312 Download
File Size   422.85 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCO 1,5/ 3-G1L-3,5 BK - PCB header

2203312 Datasheet (PDF)

Go To PDF Page Download Datasheet
2203312 Datasheet PDF - PHOENIX CONTACT

Part # 2203312
Download  2203312 Click to download

File Size   422.85 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCO 1,5/ 3-G1L-3,5 BK - PCB header

2203312 Datasheet (HTML) - PHOENIX CONTACT


2203312 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 3, number
of rows: 1, number of positions: 3, number of connections: 3, product range: MCO 1,5/..-G1L,
pitch: 3.5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm, plugin
system: COMBICON MC 1,5, locking: without, type of packaging: packed in cardboard,
Product with pin output on left side

Your advantages
• Plug-in direction orthogonal to the PCB




Similar Part No. - 2203312

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2203310 PHOENIX-2203310 Datasheet
180Kb / 4P
E/ME TBUS NS35 BK - End bracket
More results


Similar Description - 2203312

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2278380 PHOENIX-2278380 Datasheet
112Kb / 4P
MCO 1,5/ 5-G1L-3,5 KMGY
2200534 PHOENIX-2200534 Datasheet
52Kb / 3P
Printed-circuit board connector - MCO 1,5/ 5-G1R-3,5 BK
2201421 PHOENIX-2201421 Datasheet
44Kb / 2P
Printed-circuit board connector - MCO 1,5/ 5-G1L-3,5 BK
2201422 PHOENIX-2201422 Datasheet
45Kb / 2P
Printed-circuit board connector - MCO 1,5/ 5-G1L-3,5 GN
2202330 PHOENIX-2202330 Datasheet
62Kb / 2P
Printed-circuit board connector - MCO-EH 1,5/5 G1L-3,5 GY7035
2202333 PHOENIX-2202333 Datasheet
41Kb / 1P
Printed-circuit board connector - MCO-EH 1,5/5 G1L-3,5 BK
2278319 PHOENIX-2278319 Datasheet
109Kb / 4P
MCO 1,5/ 3-G1L-3,5 KMGY
2278322 PHOENIX-2278322 Datasheet
109Kb / 4P
MCO 1,5/ 3-G1R-3,5 KMGY
1161803 PHOENIX-1161803 Datasheet
417Kb / 9P
MCO 1,5/ 5-G1R-3,5 BU - PCB header
1464105 PHOENIX-1464105 Datasheet
686Kb / 17P
XPC 1,5/ 3-ST-3,5 BK - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com