Electronic Components Datasheet Search
  English  ▼

X  

1828976 Datasheet (PDF) - PHOENIX CONTACT

1828976 Datasheet PDF - PHOENIX CONTACT
Part # 1828976
Download  1828976 Download
File Size   768.63 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/13-GF-3,81 P20 THR - PCB header

1828976 Datasheet (PDF)

Go To PDF Page Download Datasheet
1828976 Datasheet PDF - PHOENIX CONTACT

Part # 1828976
Download  1828976 Click to download

File Size   768.63 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/13-GF-3,81 P20 THR - PCB header

1828976 Datasheet (HTML) - PHOENIX CONTACT


1828976 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Pin, number of potentials: 13, number
of rows: 1, number of positions: 13, number of connections: 13, product range: MCV 1,5/..-GFTHR,
pitch: 3.81 mm, mounting: THR soldering / wave soldering, pin layout: Linear pinning,
solder pin [P]: 2 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5,
Pin connector pattern alignment: Standard, locking: Screw locking mechanism, mounting:
Threaded flange, type of packaging: packed in cardboard, For user information and design
recommendations for through-hole reflow technology, go to: Downloads

Your advantages
• Designed for integration into the SMT soldering process
• Screwable flange for superior mechanical stability
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1828976

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1828970000 WEIDMULLER-1828970000 Datasheet
464Kb / 7P
SLDV-THR 5.08/20/180F 1.5SN BK BX
logo
PHOENIX CONTACT
1828977 PHOENIX-1828977 Datasheet
80Kb / 5P
Base strip - GICV 2,5/ 8-G-7,62
More results


Similar Description - 1828976

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1830703 PHOENIX-1830703 Datasheet
167Kb / 9P
Feed-through header - MCV 1,5/13-GF-3,81
1707285 PHOENIX-1707285 Datasheet
79Kb / 4P
Housing - MCV 1,5/ 9-GF-3,81 P14 THR
1707298 PHOENIX-1707298 Datasheet
81Kb / 4P
Housing - MCV 1,5/10-GF-3,81 P14 THR
1828921 PHOENIX-1828921 Datasheet
103Kb / 4P
Base strip - MCV 1,5/16-G-3,81 P20 THR
1828989 PHOENIX-1828989 Datasheet
137Kb / 6P
Feed-through header - MCV 1,5/14-GF-3,81 P20 THR
09/12/2020
1830622 PHOENIX-1830622 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 5-GF-3,81
Jul 20, 2022
1830606 PHOENIX-1830606 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 3-GF-3,81
Jul 20, 2022
1829124 PHOENIX-1829124 Datasheet
624Kb / 11P
PCB header - MC 1,5/20-G-3,81 P20 THR
Jan 3, 2023
1789423 PHOENIX-1789423 Datasheet
591Kb / 11P
MC 1,5/ 4-GF-3,5 P20 THR - PCB header
1713373 PHOENIX-1713373 Datasheet
488Kb / 12P
MC 1,5/16-GF-3,5 P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com