Electronic Components Datasheet Search
  English  ▼

X  

1239082 Datasheet (PDF) - PHOENIX CONTACT

1239082 Datasheet PDF - PHOENIX CONTACT
Part # 1239082
Download  1239082 Download
File Size   251.14 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-M12MSL-4FE-M16XL/0,2X - Device connector front mounting

1239082 Datasheet (PDF)

Go To PDF Page Download Datasheet
1239082 Datasheet PDF - PHOENIX CONTACT

Part # 1239082
Download  1239082 Click to download

File Size   251.14 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-E-M12MSL-4FE-M16XL/0,2X - Device connector front mounting

1239082 Datasheet (HTML) - PHOENIX CONTACT


1239082 Product details

Device connector front mounting, Power, 5-position, Pin, straight, M12-Standard, coding: L, on
free cable end, Front mounting, M16 x 1.5, Individual wires, cable length: 0.2 m, 2.50 mm2, PEX
litz wire, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• For compact devices: transmit high power in a confined space
• Easy-to-install, optimized XL housing contour with wrench size 19
• Mechanical tightening limitation for long-term-stable gasket
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1239082

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1239081 PHOENIX-1239081 Datasheet
375Kb / 10P
SACC-DSI-M12FSK-4PE-M16XL/0,2X - Device connector rear mounting
1239083 PHOENIX-1239083 Datasheet
278Kb / 9P
SACC-E-M12FSL-4FE-M16XL/0,2X - Device connector front mounting
1239084 PHOENIX-1239084 Datasheet
250Kb / 8P
SACC-DSI-M12MSL-4FE-M16XL/0,2X - Device connector, rear mounting
1239085 PHOENIX-1239085 Datasheet
266Kb / 9P
SACC-DSI-M12FSL-4FE-M16XL/0,2X - Device connector rear mounting
1239086 PHOENIX-1239086 Datasheet
347Kb / 9P
SACC-E-M12MSM-5PE-M16XL/0,2X - Device connector front mounting
More results


Similar Description - 1239082

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415296 PHOENIX-1415296 Datasheet
336Kb / 9P
SACC-E-M12FSL-4FE-M16XL/0,2 - Device connector front mounting
1425583 PHOENIX-1425583 Datasheet
333Kb / 10P
SACC-E-M12FSL-4FE-M16XL/0,2 GR - Device connector front mounting
1415295 PHOENIX-1415295 Datasheet
373Kb / 10P
SACC-E-M12MSL-4FE-M16XL/0,2 - Device connector front mounting
1415297 PHOENIX-1415297 Datasheet
254Kb / 8P
SACC-DSI-M12MSL-4FE-M16XL/0,2 - Device connector, rear mounting
1415300 PHOENIX-1415300 Datasheet
470Kb / 12P
SACC-E-M12MSM-5PE-M16XL/0,2 - Device connector front mounting
1425586 PHOENIX-1425586 Datasheet
363Kb / 11P
SACC-E-M12MSL-4CON-M16XL/0,2 - Device connector front mounting
1411581 PHOENIX-1411581 Datasheet
414Kb / 11P
SACC-E-M12MS-8P-M16XL/0,5 - Device connector front mounting
1425582 PHOENIX-1425582 Datasheet
368Kb / 11P
SACC-E-M12MSL-4FE-M16XL/0,2 GR - Device connector front mounting
1425636 PHOENIX-1425636 Datasheet
439Kb / 11P
SACC-E-M12FSK4PE-M16XL/0,2-1,5 - Device connector front mounting
1239087 PHOENIX-1239087 Datasheet
424Kb / 10P
SACC-E-M12FSM-5PE-M16XL/0,2X - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com