Electronic Components Datasheet Search
  English  ▼

X  

OP27GPZ Datasheet (PDF) - Analog Devices

OP27GPZ Datasheet PDF - Analog Devices
Part # OP27GPZ
Download  OP27GPZ Download
File Size   411.1 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision Operational Amplifier

OP27GPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
OP27GPZ Datasheet PDF - Analog Devices

Part # OP27GPZ
Download  OP27GPZ Click to download

File Size   411.1 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision Operational Amplifier

OP27GPZ Datasheet (HTML) - Analog Devices


OP27GPZ Product details

FEATURES
Low noise: 80 nV p-p (0.1 Hz to 10 Hz), 3 nV/"Hz
Low drift: 0.2 μV/°C
High speed: 2.8 V/μs slew rate, 8 MHz gain bandwidth
Low VOS: 10 μV
CMRR: 126 dB at VCM of ±11 V
High open-loop gain: 1.8 million
Available in die form




Similar Part No. - OP27GPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27GPZ AD-OP27GPZ Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27GPZ1 AD-OP27GPZ1 Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27GPZ1 AD-OP27GPZ1 Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
More results


Similar Description - OP27GPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP27 AD-OP27 Datasheet
370Kb / 16P
Low-Noise, Precision Operational Amplifier
9/01-Data Sheet changed from REV. 0 to REV. A.
OP-27 AD-OP-27 Datasheet
703Kb / 12P
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA111 BURR-BROWN-OPA111 Datasheet
137Kb / 12P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
OPA124 BURR-BROWN-OPA124 Datasheet
137Kb / 8P
Low Noise Precision Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
Precision Low Noise Operational Amplifier
July 12, 2011
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
Low Noise, Precision Operational Amplifier
Rev. F
logo
Texas Instruments
OPA2211-EP TI1-OPA2211-EP Datasheet
1Mb / 32P
Noise, Low-Power, Precision Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com