Electronic Components Datasheet Search
  English  ▼

X  

371102 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

371102 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 371102
Download  371102 Download
File Size   297.86 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-EMIP EMI Patch

371102 Datasheet (PDF)

Go To PDF Page Download Datasheet
371102 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 371102
Download  371102 Click to download

File Size   297.86 Kbytes
Page   3 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-EMIP EMI Patch

371102 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


371102 Product details

General Information:
Operating Temperature -25 up to +105 °C
Storage Conditions
(in original packaging) 0 °C up to + 40 °C; up to 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 371102

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
37110 BELDEN-37110 Datasheet
152Kb / 2P
Lead Wire, #10 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
logo
Wixroyd Group Ltd
37110 WIXROYD-37110 Datasheet
222Kb / 1P
Knurled Nuts with collar, stainless steel - DIN 466
logo
Belden Inc.
37110-0102000 BELDEN-37110-0102000 Datasheet
152Kb / 2P
Lead Wire, #10 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37110-010500 BELDEN-37110-010500 Datasheet
152Kb / 2P
Lead Wire, #10 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
37110-0105000 BELDEN-37110-0105000 Datasheet
152Kb / 2P
Lead Wire, #10 Str TC, EPDM Ins, AWM 3340 AWM 3374
01-20-2023
More results


Similar Description - 371102

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74279221100 WURTH-74279221100 Datasheet
358Kb / 6P
WE-MPSB EMI Multilayer Power
38401405 WURTH-38401405 Datasheet
209Kb / 3P
WE-EGS EMI Elastomer Gasket
001.000
38401107 WURTH-38401107 Datasheet
207Kb / 3P
WE-EGS EMI Elastomer Gasket
001.000
38401104 WURTH-38401104 Datasheet
208Kb / 3P
WE-EGS EMI Elastomer Gasket
001.000
38401206 WURTH-38401206 Datasheet
207Kb / 3P
WE-EGS EMI Elastomer Gasket
001.000
782422241 WURTH-782422241 Datasheet
560Kb / 7P
WE-CBA SMT EMI Suppression
002.000
782422611 WURTH-782422611 Datasheet
560Kb / 7P
WE-CBA SMT EMI Suppression
002.000
782763501 WURTH-782763501 Datasheet
517Kb / 6P
WE-CBA SMT EMI Suppression
001.001
78279223560 WURTH-78279223560 Datasheet
651Kb / 8P
WE-MPSA EMI Multilayer Power
001.000
3003325A WURTH-3003325A Datasheet
219Kb / 2P
WE-CF EMI Shielding Sheet/EMI Shielding Tape
006.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com