Electronic Components Datasheet Search
  English  ▼

X  

MAX22205 Datasheet (PDF) - Analog Devices

MAX22205 Datasheet PDF - Analog Devices
Part # MAX22205
Download  MAX22205 Download
File Size   255.99 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 65V, 7.6A High Current Single H-Bridge with Integrated Current-Sense

MAX22205 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX22205 Datasheet PDF - Analog Devices

Part # MAX22205
Download  MAX22205 Click to download

File Size   255.99 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 65V, 7.6A High Current Single H-Bridge with Integrated Current-Sense

MAX22205 Datasheet (HTML) - Analog Devices


MAX22205 Product details

General Description
The MAX22205 integrates a high current 65V, 7.6AMAX
H-Bridge to drive one Brushed DC motor or one half Stepper motor. The H-Bridge FETs feature very low impedance, resulting in high driving efficiency and low heat. The
typical total RON (high-side + low-side) is 0.15Ω. The HBridge can be PWM controlled by two logic inputs (DINA,
DINB). A third Enable (EN) logic input can be used to configure the outputs to high impedance for coasting the motor.
The MAX22205 features an accurate optional Current Drive Regulation (CDR), which can be used to limit the start
up current of a Brushed DC motor or control the phase
current for stepper operation. The bridge output current is
sensed by a non-dissipative Integrated Current Sensing
(ICS) and it is then compared with the desired threshold
current. As soon as the bridge current exceeds the threshold (ITRIP), the device enforces the decay for a fixed OFFtime (tOFF). The non-dissipative ICS eliminates the bulky
external power resistors normally required for this function, resulting in a dramatic space and power saving compared with mainstream applications based on the external sense resistor. A current proportional to the internally-sensed motor current is output to the analog pins (ISENA, ISENB) to monitor current. Also, one open-drain output (CDR pin) is asserted every time the internal current
regulation is taking control of the driver so that the activity
of the internal current loop can be monitored.
The maximum output current per H-Bridge is IMAX =
7.6AMAX limited by the Overcurrent Protection (OCP). The
device delivers up to 4ARMS at VM = +24V and TA = 25°C
with proper PCB ground plane for thermal dissipation. The
current capability depends on the PCB thermal characteristic (PCB ground planes, heatsinks, ventilation, etc.).
The MAX22205 features Overcurrent Protection (OCP),
Thermal Shutdown (TSD), and Undervoltage Lockout
(UVLO). An open-drain active low FAULT pin is activated
every time a fault condition is detected. During Thermal
Shutdown and Undervoltage Lockout, all the channels are
disabled until normal operating conditions are restored.
The MAX22205 is packaged into a small TQFN38 5mm x
7mm and TSSOP38 9.7mm x 4.4mm packages.

Applications
● Brushed DC Motor Driver
● Stepper Motor Driver
● Solenoid Driver
● Latched Valves

Benefits and Features
● One H-Bridge with +65V Voltage Rating
• Total RDS(ON) (High-Side + Low-Side): 150mΩ
Typical (TA = 25°C)
● Current Ratings per H-Bridge (Typical at 25°C):
• IMAX = 7.6AMAX (Impulsive Current for Driving
Capacitive Loads)
• IFS = 6A (Max Full Scale Current Setting for Internal
Current Drive Regulation)
• IRMS = 4ARMS (TA = 25°C, VM = +24V)
● Integrated Current Control
• Full-Scale DAC Current Configurable with External
Resistance
• Internal Current Sensing (ICS) Eliminates External
Bulky Resistors and Improves Efficiency
• Current Drive Regulation Monitor Output Pin (CDR
Pin)
• Integrated DAC Sets the Output Current Level
among 16 Values
• Multiple Decay Modes (Slow, Mixed, Fast)
• Fixed OFF Time Configurable with External
Resistance
● Current-Sense Output (Current Monitor)
● Fault Indicator Pin (FAULT)
● Protections
• Overcurrent Protection for each Individual Channel
(OCP)
• Undervoltage Lockout (UVLO)
• Thermal Shutdown TJ = 155°C (TSD)
● Available in TQFN38 5mm x 7mm and TSSOP38
9.7mm x 4.4mm Packages




Similar Part No. - MAX22205

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22200 MAXIM-MAX22200 Datasheet
874Kb / 45P
36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
MAX22200ETJ+ MAXIM-MAX22200ETJ+ Datasheet
874Kb / 45P
36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
MAX22200EVKIT MAXIM-MAX22200EVKIT Datasheet
888Kb / 12P
Configurable for High-Side/Low-Side Solenoid Driver
Rev 0; 4/21
MAX22200EVKIT# MAXIM-MAX22200EVKIT# Datasheet
888Kb / 12P
Configurable for High-Side/Low-Side Solenoid Driver
Rev 0; 4/21
MAX22201 MAXIM-MAX22201 Datasheet
1Mb / 11P
Evaluation Kit
Rev 0; 1/21
More results


Similar Description - MAX22205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8876 TI1-DRV8876 Datasheet
520Kb / 29P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876-Q1 TI1-DRV8876-Q1 Datasheet
715Kb / 32P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8876_1904 TI1-DRV8876_1904 Datasheet
942Kb / 37P
H-Bridge Motor Drivers With Integrated Current Sense and Regulation
DRV8874 TI1-DRV8874 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
DRV8874-Q1 TI1-DRV8874-Q1 Datasheet
879Kb / 31P
H-Bridge Motor Driver With Integrated Current Sense and Regulation
logo
Maxim Integrated Produc...
MAX22203 MAXIM-MAX22203 Datasheet
411Kb / 23P
65V, 3.8A Dual Brushed or Single Stepper Motor Driver with Integrated Current Sense
Rev 0; 5/21
logo
Texas Instruments
DRV8244-Q1 TI-DRV8244-Q1_V01 Datasheet
3Mb / 80P
DRV8244-Q1 Automotive H-Bridge Driver with Integrated Current Sense and Diagnostics
REVISED NOVEMBER 2022
logo
Analog Devices
MAX22208 AD-MAX22208 Datasheet
323Kb / 19P
65V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense
19-101619; Rev 0; 8/23
MAX22213 AD-MAX22213 Datasheet
373Kb / 20P
36V, 3.8A Quad Half H-Bridge Drivers with Integrated Current Sense
19-101603; Rev 0; 8/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com