Electronic Components Datasheet Search
  English  ▼

X  

ADSY1100 Datasheet (PDF) - Analog Devices

ADSY1100 Datasheet PDF - Analog Devices
Part # ADSY1100
Download  ADSY1100 Download
File Size   376.23 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 Tx/4 Rx, 0.1 GHz to 20 GHz Apollo MxFE 3UVPX Tuner Digitizer Processor

ADSY1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSY1100 Datasheet PDF - Analog Devices

Part # ADSY1100
Download  ADSY1100 Click to download

File Size   376.23 Kbytes
Page   9 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4 Tx/4 Rx, 0.1 GHz to 20 GHz Apollo MxFE 3UVPX Tuner Digitizer Processor

ADSY1100 Datasheet (HTML) - Analog Devices


ADSY1100 Product details

FEATURES
► Four transmit (Tx) channels
► Up to 28GSPS DACs
► Four receive (Rx) channels
► Up to 20GSPS ADCs
► Swappable RF tuner personality cards
► 0.1-20GHz tuning
► Multiple tuner options
► Phase and Hop Coherency
► Memory Options
► 8 GB DDR4 Data Memory
► 4 GB DDR4 Processing Memory
► 270 Mb Ultra RAM
► Apollo MxFETM Integrated DSP
► DDC and DUC Up To 1,536x
► RX to TX loopback
► Fractional Sample Rate Converter
► 512-point FFT Sniffer
► 12 V power supply
► Virtex™ VU11P
► Zynq™ ZU4EG
► Offload and Control Interfaces
► 1 Gb Ethernet
► 10 Gb Ethernet
► 40 Gb Ethernet
► 2x100 Gb Optical Ethernet
► PCIe Gen. 3 interface x 8 lanes
► SOSA-aligned
► 1” pitch 3UVPX form factor

APPLICATIONS
► Electronic test and measurement systems
► Radar and communications
► Electronic warfare
► Phased array system
► Broadband communications systems

GENERAL DESCRIPTION
Analog Devices’ ADSY1100-series is a family of wideband multichannel RF digitizers in a 3UVPX SOSA™-aligned format. The
system is built around ADI’s next generation “Apollo” MXFE™
product (AD9084) featuring DAC sample rates up to 28 GSPS and
ADC sample rates up to 20 GSPS in a 4Tx / 4Rx configuration. The
AD9084 includes integrated digital signal processing such as digital
decimation, interpolation, numerically controlled oscillators (NCO),
FFT sniffers, RX to TX loopback, linearization algorithms, fractional rate samplers and more. These built-in power-efficient DSP
features free up FPGA resources for user-defined mission-specific
processing. The digitizer card pairs AD9084 with the AMD Virtex™
Ultrascale+ family of FPGAs. Depending on processing and power
requirements, the user can vary settings options of the FPGA as
needed. Swappable RF/Microwave Tuner Personality Cards mate
to the digitizer card within the single 1" pitch chassis to allow
optimized performance for a variety of applications. A Sensor Open
Systems Architecture™ (SOSA™) aligned slot profile is used for the
backplane connectors, allowing for a flexible system design which
integrates well into customer prototype demonstrations. Software
drivers are provided for enabling fast deployment.




Similar Part No. - ADSY1100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSY8401 AD-ADSY8401 Datasheet
300Kb / 16P
LCD Level Shifters with VCOM, NRS Buffers, and High Voltage Edge Detector
7/04-Revision 0
ADSY8401 AD-ADSY8401_15 Datasheet
504Kb / 16P
LCD Level Shifters with VCOM, NRS Buffers, and High Voltage Edge Detector
REV. 0
ADSYS8401JPCZ AD-ADSYS8401JPCZ Datasheet
300Kb / 16P
LCD Level Shifters with VCOM, NRS Buffers, and High Voltage Edge Detector
7/04-Revision 0
More results


Similar Description - ADSY1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3703 TI-TRF3703 Datasheet
546Kb / 22P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
ADF5001 AD-ADF5001 Datasheet
274Kb / 12P
4 GHz to 18 GHz Divide-by-4 Prescaler
REV. 0
logo
TriQuint Semiconductor
TGM2543-SM TRIQUINT-TGM2543-SM Datasheet
890Kb / 11P
4-20 GHz Limiter/LNA
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
ADAR2004 AD-ADAR2004 Datasheet
758Kb / 37P
10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
8/2020-Revision 0
HMC347B AD-HMC347B Datasheet
208Kb / 10P
GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
4/2020-Rev. D to Rev. E
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
8/2018-Rev. A to Rev. B
HMC-C583 AD-HMC-C583 Datasheet
251Kb / 9P
0.1 GHz to 40 GHz, SPST Switch
9/2016-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com