Electronic Components Datasheet Search
  English  ▼

X  

1975396 Datasheet (PDF) - PHOENIX CONTACT

1975396 Datasheet PDF - PHOENIX CONTACT
Part # 1975396
Download  1975396 Download
File Size   1219.52 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCS 2,5/15-STF-5,08 - PCB connector

1975396 Datasheet (PDF)

Go To PDF Page Download Datasheet
1975396 Datasheet PDF - PHOENIX CONTACT

Part # 1975396
Download  1975396 Click to download

File Size   1219.52 Kbytes
Page   21 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCS 2,5/15-STF-5,08 - PCB connector

1975396 Datasheet (HTML) - PHOENIX CONTACT


1975396 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Sn, contact connection type: Socket, number of potentials:
15, number of rows: 1, number of positions: 15, number of connections: 15, product range:
FKCS 2,5/..-STF, pitch: 5.08 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Quick and convenient testing using integrated test option
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1975396

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
197539 FESTO-197539 Datasheet
91Kb / 1P
Pressure regulator
More results


Similar Description - 1975396

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1975286 PHOENIX-1975286 Datasheet
140Kb / 6P
FKCS 2,5/ 4-STF-5,08
1975309 PHOENIX-1975309 Datasheet
132Kb / 6P
FKCS 2,5/ 6-STF-5,08
1975325 PHOENIX-1975325 Datasheet
132Kb / 6P
FKCS 2,5/ 8-STF-5,08
1975341 PHOENIX-1975341 Datasheet
132Kb / 6P
FKCS 2,5/10-STF-5,08
1975273 PHOENIX-1975273 Datasheet
296Kb / 16P
Printed-circuit board connector - FKCS 2,5/ 3-STF-5,08
09/12/2020
1975192 PHOENIX-1975192 Datasheet
1Mb / 27P
FKCS 2,5/14-ST-5,08 - PCB connector
1860905 PHOENIX-1860905 Datasheet
391Kb / 13P
FKCOW 2,5/15-STF-5,08 - PCB connector
1902437 PHOENIX-1902437 Datasheet
1Mb / 22P
FKCT 2,5/15-STF-5,08 - PCB connector
1835229 PHOENIX-1835229 Datasheet
657Kb / 16P
MVSTBR 2,5/15-STF-5,08 - PCB connector
1975118 PHOENIX-1975118 Datasheet
1Mb / 31P
FKCS 2,5/ 6-ST-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com