Electronic Components Datasheet Search
  English  ▼

X  

1777972 Datasheet (PDF) - PHOENIX CONTACT

1777972 Datasheet PDF - PHOENIX CONTACT
Part # 1777972
Download  1777972 Download
File Size   448.44 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 5/ 5-ST2-7,62 - PCB connector

1777972 Datasheet (PDF)

Go To PDF Page Download Datasheet
1777972 Datasheet PDF - PHOENIX CONTACT

Part # 1777972
Download  1777972 Click to download

File Size   448.44 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 5/ 5-ST2-7,62 - PCB connector

1777972 Datasheet (HTML) - PHOENIX CONTACT


1777972 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Sn, contact connection type: Socket, number of potentials: 5,
number of rows: 1, number of positions: 5, number of connections: 5, product range: PC 5/..-
ST2, pitch: 7.62 mm, connection method: Screw connection with tension sleeve, screw head
form: H1L Slotted Phillips recess, conductor/PCB connection direction: 0 °, locking clip: - Locking
clip, plug-in system: COMBICON PC 5, locking: without, mounting: without, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• 600 V UL approval in the smallest of dimensions




Similar Part No. - 1777972

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1777970000 WEIDMULLER-1777970000 Datasheet
742Kb / 22P
Cable glands
logo
PHOENIX CONTACT
1777976 PHOENIX-1777976 Datasheet
123Kb / 9P
Printed-circuit board connector - FRONT-MSTB 2,5/20-STF-5,08
1777976 PHOENIX-1777976 Datasheet
154Kb / 5P
MSTB 2,5/20-GF-5,08
1777976 PHOENIX-1777976 Datasheet
140Kb / 6P
IC 2,5/20-STGF-5,08
More results


Similar Description - 1777972

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1778094 PHOENIX-1778094 Datasheet
145Kb / 5P
PC 5/ 5-STCL1-7,62
1777846 PHOENIX-1777846 Datasheet
911Kb / 17P
PCB connector - PC 5/ 3-STF1-7,62
Jul 21, 2022
1777859 PHOENIX-1777859 Datasheet
911Kb / 17P
PCB connector - PC 5/ 4-STF1-7,62
Jul 21, 2022
1720819 PHOENIX-1720819 Datasheet
335Kb / 11P
PCB header - PC 5/ 4-GF-7,62
Nov 30, 2022
1721067 PHOENIX-1721067 Datasheet
335Kb / 11P
PCB header - PC 5/ 7-GFU-7,62
Nov 30, 2022
1778191 PHOENIX-1778191 Datasheet
670Kb / 15P
PCB connector - PC 5/ 4-STF-SH1-7,62
Nov 30, 2022
1720505 PHOENIX-1720505 Datasheet
461Kb / 15P
PCB header - PC 5/ 6-G-7,62
Jan 4, 2023
1721038 PHOENIX-1721038 Datasheet
336Kb / 11P
PCB header - PC 5/ 4-GFU-7,62
Jan 10, 2023
1149086 PHOENIX-1149086 Datasheet
458Kb / 14P
PC 6/ 5-ST-7,62 - PCB connector
1149133 PHOENIX-1149133 Datasheet
453Kb / 14P
PC 6/ 5-STL3-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com