Electronic Components Datasheet Search
  English  ▼

X  

1016517 Datasheet (PDF) - PHOENIX CONTACT

1016517 Datasheet PDF - PHOENIX CONTACT
Part # 1016517
Download  1016517 Download
File Size   427.16 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CDDC 1,5/ 6-PV-3,5 - Direct connector

1016517 Datasheet (PDF)

Go To PDF Page Download Datasheet
1016517 Datasheet PDF - PHOENIX CONTACT

Part # 1016517
Download  1016517 Click to download

File Size   427.16 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CDDC 1,5/ 6-PV-3,5 - Direct connector

1016517 Datasheet (HTML) - PHOENIX CONTACT


1016517 Product details

PCB direct plug, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated
voltage (III/2): 160 V, number of potentials: 12, number of rows: 2, number of positions: 6,
number of connections: 12, product range: CDDC 1,5/..-PV, pitch: 3.5 mm, connection method:
Crimp connection, mounting: SKEDD - Direct plug-in technology, conductor/PCB connection
direction: 90 °, pin layout: Linear pinning, plug-in system: SKEDD, locking: Snap-in locking,
mounting: Latching flange, type of packaging: packed in cardboard

Your advantages
• SKEDD direct plug-in technology enables flexible positioning on the PCB
• Reduced component and process costs: simple insertion by hand and vibration-resistant connection
• Contacts arranged in a double row enable high packing density in a compact area
• Wide range of applications, thanks to suitability for PCBs with chemically tin-plated or Hot Air Leveling (HAL) surface
• Cost-effective connection of crimped conductors in large quantities
• Tools for manual and automatic crimping available as an option




Similar Part No. - 1016517

ManufacturerPart #DatasheetDescription
logo
SICK AG
1016510 SICK-1016510 Datasheet
1Mb / 7P
MULTIPLE LIGHT BEAM SAFETY DEVICES
2017-06-14
logo
PHOENIX CONTACT
1016510 PHOENIX-1016510 Datasheet
389Kb / 13P
CDDC 1,5/11-PV-3,5 - Direct connector
logo
Weidmuller
1016510000 WEIDMULLER-1016510000 Datasheet
77Kb / 4P
BLF 5.00/09/180LR SN BK BX
1016510000 WEIDMULLER-1016510000 Datasheet
720Kb / 8P
BLF 5.00HC/17/180LR SN OR BX
logo
SICK AG
1016513 SICK-1016513 Datasheet
1Mb / 6P
MULTIPLE LIGHT BEAM SAFETY DEVICES
More results


Similar Description - 1016517

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1848723 PHOENIX-1848723 Datasheet
98Kb / 3P
Direct connector - SDDC 1,5/10-PV-3,5
1016279 PHOENIX-1016279 Datasheet
635Kb / 16P
CDDC 2,5/10-PV-5,0
2020-02-20 version 01
1016289 PHOENIX-1016289 Datasheet
665Kb / 16P
CDDC 2,5/ 5-PV-5,0
2020-02-20 version 00
1016516 PHOENIX-1016516 Datasheet
659Kb / 16P
CDDC 1,5/ 5-PV-3,5
2020-02-20 version 00
1016521 PHOENIX-1016521 Datasheet
661Kb / 16P
CDDC 1,5/10-PV-3,5
2020-02-20 version 01
1016522 PHOENIX-1016522 Datasheet
665Kb / 16P
CDDC 1,5/12-PV-3,5
2020-02-20 version 01
1016523 PHOENIX-1016523 Datasheet
667Kb / 16P
CDDC 1,5/13-PV-3,5
2020-02-20 version 01
1016524 PHOENIX-1016524 Datasheet
669Kb / 16P
CDDC 1,5/14-PV-3,5
2020-02-20 version 01
1016525 PHOENIX-1016525 Datasheet
671Kb / 16P
CDDC 1,5/15-PV-3,5
2020-02-20 version 01
1016526 PHOENIX-1016526 Datasheet
674Kb / 16P
CDDC 1,5/16-PV-3,5
2020-02-20 version 01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com