Electronic Components Datasheet Search
  English  ▼

X  

LP87744-Q1 Datasheet (PDF) - Texas Instruments

LP87744-Q1 Datasheet PDF - Texas Instruments
Part # LP87744-Q1
Download  LP87744-Q1 Download
File Size   623.31 Kbytes
Page   11 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors

LP87744-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP87744-Q1 Datasheet PDF - Texas Instruments

Part # LP87744-Q1
Download  LP87744-Q1 Click to download

File Size   623.31 Kbytes
Page   11 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors

LP87744-Q1 Datasheet (HTML) - Texas Instruments


LP87744-Q1 Product details

1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
• Functional safety-compliant device
– Developed for functional safety applications
– Documentation available to aid ISO 26262
functional safety system design up to ASIL-C /
SIL-2
– Input supply overvoltage and undervoltage
monitoring
– Regulator output overvoltage and undervoltage
monitoring
– Overvoltage and undervoltage monitoring for
one external rail
– Q&A watchdog
– Level or PWM error signal monitor (ESM)
– BIST and CRC
• Input voltage: 3.3V nominal (3V to 4V range)
• Three low-noise step-down DC/DC converters:
– Output voltage: 0.9V to 1.9V, 0.8V (BUCK3),
0.82V (BUCK3)
– Maximum output current: 3A/ 3A/ 3A
– Switching frequency: 4.4MHz, 8.8MHz, and
17.6MHz
• 5V boost converter
– Maximum output current: 350mA
• 150mA LDO
– Output voltage 1.8V or 3.3V
• Output short-circuit and overload protection
• Input overvoltage protection (OVP) and
undervoltage lockout (UVLO)
• Overtemperature warning and protection
• Serial peripheral interface (SPI)

2 Applications
• Short and medium range corner radar
• Long range front radar
• Ultra-short range radar
• Low ripple, low noise applications

3 Description
The LP8774x-Q1 device is designed to meet the
power management requirements of the AWR and
IWR MMICs in various automotive and industrial radar
applications. The device has three step-down DC/DC
converters, a 5V boost converter and a 1.8V or
3.3V LDO. The LDO is powered from the boost and
intended for xWR I/O supply. An SPI serial interface
and enable signals control the device.
The step-down DC/DC converters support
programmable switching frequency of 4.4MHz,
8.8MHz, or 17.6MHz. High switching frequency and
low noise across wide frequency range enable LDOfree
power solution with minimal or no passive
filtering. The high switching frequency improves
thermals and transient settling for the MMIC RF rails.
The device forces the switching clock into PWM
mode for optimal RF performance and can also
be synchronized to an external clock. The device
supports remote voltage sensing to compensate IR
drop between the regulator output and the point-ofload
(POL) which improves the accuracy of the output
voltage.




Similar Part No. - LP87744-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87744-Q1 TI1-LP87744-Q1 Datasheet
622Kb / 11P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED JUNE 2024
LP87744-Q1 TI2-LP87744-Q1 Datasheet
591Kb / 11P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED JUNE 2024
More results


Similar Description - LP87744-Q1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
LTC3520 LINER-LTC3520_15 Datasheet
322Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
logo
Texas Instruments
LP87524B-Q1 TI1-LP87524B-Q1_18 Datasheet
1Mb / 74P
Four 4-MHz Buck Converters for AWR and IWR MMICs
LP87702-Q1 TI1-LP87702-Q1_V01 Datasheet
2Mb / 97P
LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1_V02 Datasheet
3Mb / 101P
LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87745-Q1 TI-LP87745-Q1 Datasheet
1Mb / 17P
LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
SNVSC48 ??OCTOBER 2021
LP876242-Q1 TI-LP876242-Q1 Datasheet
7Mb / 292P
LP876242-Q1 Four 8.8-MHz Buck Converters for AWR and IWR MMICs
REVISED SEPTEMBER 2022
LP87745-Q1 TI-LP87745-Q1_V01 Datasheet
1Mb / 16P
LP87745-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
REVISED NOVEMBER 2022
LP87702-Q1 TI-LP87702-Q1_V03 Datasheet
3Mb / 99P
LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
REVISED JUNE 2021
LP87745 TI1-LP87745 Datasheet
1Mb / 16P
LP8774x Three Buck Converters and 5-V Boost for IWR Radar Sensors
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com