Electronic Components Datasheet Search
  English  ▼

X  

LTC2064IDDPBF Datasheet (PDF) - Analog Devices

LTC2064IDDPBF Datasheet PDF - Analog Devices
Part # LTC2064IDDPBF
Download  LTC2064IDDPBF Download
File Size   3004.75 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers

LTC2064IDDPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2064IDDPBF Datasheet PDF - Analog Devices

Part # LTC2064IDDPBF
Download  LTC2064IDDPBF Click to download

File Size   3004.75 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2μA Supply Current, Low IB, Zero-Drift Operational Amplifiers

LTC2064IDDPBF Datasheet (HTML) - Analog Devices


LTC2064IDDPBF Product details

FEATURES
APPLICATIONS
n Low Supply Current: 2μA Maximum (per Amplifier)
n Offset Voltage: 5μV Maximum
n Offset Voltage Drift: 0.02μV/°C Maximum
n Input Bias Current:
n 3pA Typical
n 30pA Maximum, –40°C to 85°C
n 100pA Maximum, –40°C to 125°C
n Integrated EMI Filter (114dB Rejection at 1.8GHz)
n Shutdown Current: 170nA Maximum (per Amplifier)
n Rail-to-Rail Input and Output
n 1.7V to 5.25V Operating Supply Range
n AVOL: 140dB Typical
n Low-Charge Power-Up for Duty Cycled Applications
n Specified Temperature Ranges:
n –40°C to 85°C
n –40°C to 125°C
n SC70, TSOT23, MS8, DFN10, TSSOP14 and
QFN16 Packages
n Signal Conditioning in Wireless Mesh Networks
n Portable Instrumentation Systems
n Low-Power Sensor Conditioning
n Gas Detection
n Temperature Measurement
n Medical Instrumentation
n Energy Harvesting Applications
n Low Power Current Sensing




Similar Part No. - LTC2064IDDPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC2064 AD-LTC2064 Datasheet
4Mb / 30P
10μA Supply Current, Low IB, Zero-Drift Operational Amplifier
Rev. B
More results


Similar Description - LTC2064IDDPBF

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2922H AKM-AK2922H Datasheet
193Kb / 5P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
Zero Drift operational amplifiers
AK2910T AKM-AK2910T Datasheet
385Kb / 15P
Zero Drift operational amplifiers
AK2973H AKM-AK2973H Datasheet
1Mb / 18P
Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
Analog Devices
LTC2063 AD-LTC2063 Datasheet
2Mb / 24P
2關A Supply Current, Low IB, Zero-Drift Operational Amplifier
LTC2066 AD-LTC2066 Datasheet
3Mb / 24P
10關A Supply Current Low IB, Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2973 AKM-AK2973 Datasheet
1Mb / 18P
Zero Drift operational amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com