Electronic Components Datasheet Search
  English  ▼

X  

LTC6246 Datasheet (PDF) - Analog Devices

LTC6246 Datasheet PDF - Analog Devices
Part # LTC6246
Download  LTC6246 Download
File Size   752.67 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps

LTC6246 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6246 Datasheet PDF - Analog Devices

Part # LTC6246
Download  LTC6246 Click to download

File Size   752.67 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps

LTC6246 Datasheet (HTML) - Analog Devices


LTC6246 Product details

FEATURES
APPLICATIONS
n Gain Bandwidth Product: 180MHz
n –3dB Frequency (AV = 1): 120MHz
n Low Quiescent Current: 1mA Max
n High Slew Rate: 90V/μs
n Input Common Mode Range Includes Both Rails
n Output Swings Rail-to-Rail
n Low Broadband Voltage Noise: 4.2nV/√Hz
n Power-Down Mode: 42μA
n Fast Output Recovery
n Supply Voltage Range: 2.5V to 5.25V
n Input Offset Voltage: 0.5mV Max
n Input Bias Current: 100nA
n Large Output Current: 50mA
n CMRR: 110dB
n Open Loop Gain: 45V/mV
n Operating Temperature Range: –40°C to 125°C
n Single in 6-Lead TSOT-23
n Dual in MS8, 2mm × 2mm DFN,TS0T-23, MS10
n Quad in MS16
n Low Voltage, High Frequency Signal Processing
n Driving A/D Converters
n Rail-to-Rail Buffer Amplifiers
n Active Filters
n Video Amplifiers
n Fast Current Sensing Amplifiers
n Battery Powered Equipment




Similar Part No. - LTC6246

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246 Datasheet
364Kb / 22P
Precision, Low Power Rail-to-Rail Input/Output
LTC6246 LINER-LTC6246 Datasheet
571Kb / 24P
Rail-to-Rail Output 215MHz, 1.1nV/?숰z Op Amp/SAR ADC Driver
LTC6246 LINER-LTC6246 Datasheet
1Mb / 20P
90MHz, 2200V/關s 30V Low Power Op Amps
LTC6246 LINER-LTC6246 Datasheet
1Mb / 18P
2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
More results


Similar Description - LTC6246

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6246 LINER-LTC6246 Datasheet
487Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6255 LINER-LTC6255_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6256 LINER-LTC6256_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6257 LINER-LTC6257_15 Datasheet
466Kb / 24P
6.5MHz, 65A Power Efficient Rail-to-Rail I/O Op Amps
LTC6246 LINER-LTC6246_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6247 LINER-LTC6247_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6248 LINER-LTC6248_15 Datasheet
492Kb / 24P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6252 LINER-LTC6252_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6253 LINER-LTC6253_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
LTC6254 LINER-LTC6254_15 Datasheet
950Kb / 26P
720MHz, 3.5mA Power Efficient Rail-to-Rail I/O Op Amps
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com