Electronic Components Datasheet Search
  English  ▼

X  

1944709 Datasheet (PDF) - PHOENIX CONTACT

1944709 Datasheet PDF - PHOENIX CONTACT
Part # 1944709
Download  1944709 Download
File Size   302.96 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBVA 2,5/13-G-RN - PCB header

1944709 Datasheet (PDF)

Go To PDF Page Download Datasheet
1944709 Datasheet PDF - PHOENIX CONTACT

Part # 1944709
Download  1944709 Click to download

File Size   302.96 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBVA 2,5/13-G-RN - PCB header

1944709 Datasheet (HTML) - PHOENIX CONTACT


1944709 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Sn, contact connection type: Pin, number of potentials: 13, number
of rows: 1, number of positions: 13, number of connections: 13, product range: MSTBVA 2,5/..-
G-RN, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector
pattern alignment: Standard, locking: Snap-in locking, mounting: Engagement nose, type of
packaging: packed in cardboard, Article with engagement nose

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known mounting principle allows worldwide use
• Vertical connection enables multi-row arrangement on the PCB
• Closed contour for optimum stability of the plug-in connection
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1944709

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1944700000 WEIDMULLER-1944700000 Datasheet
446Kb / 7P
B2L 3.50/12/180FQV6 SN BK BX
More results


Similar Description - 1944709

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755846 PHOENIX-1755846 Datasheet
152Kb / 6P
MSTBVA 2,5/13-G-5,08
1944686 PHOENIX-1944686 Datasheet
58Kb / 3P
Base strip - MSTBVA 2,5/11-G-RN
1944738 PHOENIX-1944738 Datasheet
58Kb / 3P
Base strip - MSTBVA 2,5/16-G-RN
1944754 PHOENIX-1944754 Datasheet
57Kb / 3P
Base strip - MSTBVA 2,5/18-G-RN
1936018 PHOENIX-1936018 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 2-G-5,08-RN
Jan 5, 2023
1936050 PHOENIX-1936050 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 6-G-5,08-RN
Jan 3, 2023
1936089 PHOENIX-1936089 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 9-G-5,08-RN
Jan 10, 2023
1936092 PHOENIX-1936092 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/10-G-5,08-RN
Jan 4, 2023
1944592 PHOENIX-1944592 Datasheet
305Kb / 9P
MSTBVA 2,5/ 2-G-RN - PCB header
1936063 PHOENIX-1936063 Datasheet
242Kb / 10P
MSTBVA 2,5/ 7-G-5,08-RN - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com