Electronic Components Datasheet Search
  English  ▼

X  

1821672 Datasheet (PDF) - PHOENIX CONTACT

1821672 Datasheet PDF - PHOENIX CONTACT
Part # 1821672
Download  1821672 Download
File Size   445.25 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 0,5/15-G-2,54 SMD R72 - PCB header

1821672 Datasheet (PDF)

Go To PDF Page Download Datasheet
1821672 Datasheet PDF - PHOENIX CONTACT

Part # 1821672
Download  1821672 Click to download

File Size   445.25 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 0,5/15-G-2,54 SMD R72 - PCB header

1821672 Datasheet (HTML) - PHOENIX CONTACT


1821672 Product details

PCB headers, nominal cross section: 0.5 mm2, color: black, nominal current: 6 A, rated voltage
(III/2): 160 V, contact surface: Au, contact connection type: Pin, number of potentials: 15, number
of rows: 1, number of positions: 15, number of connections: 15, product range: MCV 0,5/..-GSMD,
pitch: 2.54 mm, mounting: SMD soldering, pin layout: Linear pad geometry, number of
solder pins per potential: 1, plug-in system: COMBICON FMC 0,5, Pin connector pattern
alignment: Standard, locking: without, mounting: without, type of packaging: 72 mm wide tape,
Sample values available under SAMPLE MC...

Your advantages
• Designed for integration into the SMT soldering process
• Additional solder anchors reduce the mechanical strain on the soldering spots
• Gold-plated contacts ensure transfer quality remains stable over the long term
• Vertical connection enables multi-row arrangement on the PCB
• Supplied in tape-on-reel packing according to IEC 60286-3 for automated mounting




Similar Part No. - 1821672

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1821601 PHOENIX-1821601 Datasheet
471Kb / 12P
MCV 0,5/ 8-G-2,54 SMD R44 - PCB header
1821614 PHOENIX-1821614 Datasheet
459Kb / 12P
MCV 0,5/ 9-G-2,54 SMD R56 - PCB header
1821627 PHOENIX-1821627 Datasheet
135Kb / 6P
Printed-circuit board connector - MCV 0,5/10-G-2,54 SMD R56
1821630 PHOENIX-1821630 Datasheet
438Kb / 10P
MCV 0,5/11-G-2,54 SMD R56 - PCB header
1821643 PHOENIX-1821643 Datasheet
446Kb / 12P
MCV 0,5/12-G-2,54 SMD R56 - PCB header
More results


Similar Description - 1821672

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706152 PHOENIX-1706152 Datasheet
45Kb / 1P
MCV 0,5/16-G-2,54 P20THRR72C2
1706158 PHOENIX-1706158 Datasheet
45Kb / 1P
MCV 0,5/11-G-2,54 P20THRR56C2
1706172 PHOENIX-1706172 Datasheet
45Kb / 1P
MCV 0,5/15-G-2,54 P20THRR72C1
1706174 PHOENIX-1706174 Datasheet
45Kb / 1P
MCV 0,5/13-G-2,54 P20THRR56C1
1821685 PHOENIX-1821685 Datasheet
108Kb / 5P
Printed-circuit board connector - MCV 0,5/16-G-2,54 SMD R72
1706166 PHOENIX-1706166 Datasheet
442Kb / 11P
MCV 0,5/ 4-G-2,54 P20THRR24C2 - PCB header
1821452 PHOENIX-1821452 Datasheet
456Kb / 12P
MCV 0,5/ 8-G-2,54 P20 THR R44 - PCB header
1821436 PHOENIX-1821436 Datasheet
457Kb / 12P
MCV 0,5/ 6-G-2,54 P20 THR R44 - PCB header
1821601 PHOENIX-1821601 Datasheet
471Kb / 12P
MCV 0,5/ 8-G-2,54 SMD R44 - PCB header
1821834 PHOENIX-1821834 Datasheet
459Kb / 12P
MC 0,5/16-G-2,54 SMD R72 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com