Electronic Components Datasheet Search
  English  ▼

X  

1084524 Datasheet (PDF) - PHOENIX CONTACT

1084524 Datasheet PDF - PHOENIX CONTACT
Part # 1084524
Download  1084524 Download
File Size   203.03 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CAC-MCC1852383/D - Cable

1084524 Datasheet (PDF)

Go To PDF Page Download Datasheet
1084524 Datasheet PDF - PHOENIX CONTACT

Part # 1084524
Download  1084524 Click to download

File Size   203.03 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CAC-MCC1852383/D - Cable

1084524 Datasheet (HTML) - PHOENIX CONTACT


1084524 Product details

Assembled PCB connector / Connecting cable with 2 printed circuit board connectors, rated
current: 8 A, cable length: Free input (0.1 ... 3.0 m), Head 1: 4-position , pitch: 3.81 mm , Crimp
connection , Socket, Color: black, Cable type:Individual litz wire, PVC, 20 AWG, black, Head 2:
4-position, pitch: 3.81 mm , Crimp connection , Socket, Color: black, Cable type:Individual litz
wire, PVC, 18 AWG, black, Individual litz wire, PVC, 20 AWG, black

Your advantages
• Crimping connection: vibration- and temperature-resistant assembly
• Screwable flange for superior mechanical stability
• Simple and safe: 100% electrically tested and assembled ready for use
• Approval in accordance with UL standard “Wiring Harness Traceability Program”




Similar Part No. - 1084524

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1084520 PHOENIX-1084520 Datasheet
199Kb / 5P
CAC-MCC1852312/D - Cable
1084521 PHOENIX-1084521 Datasheet
201Kb / 6P
CAC-MCC1852367/D - Cable
1084522 PHOENIX-1084522 Datasheet
201Kb / 6P
CAC-MCC1852370/D - Cable
1084523 PHOENIX-1084523 Datasheet
199Kb / 5P
CAC-MCC1852396/D - Cable
1084525 PHOENIX-1084525 Datasheet
199Kb / 5P
CAC-MCC1852448/D - Cable
More results


Similar Description - 1084524

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK620N-3-R ASSMANN-AK620N-3-R Datasheet
292Kb / 1P
DVI-D CONNECTION CABLE
AK620N-5-R ASSMANN-AK620N-5-R Datasheet
291Kb / 1P
DVI-D CONNECTION CABLE
logo
Visual Communications C...
CNXDF4612 VCC-CNXDF4612 Datasheet
69Kb / 1P
D CABLE ASSEMBLY
logo
PHOENIX CONTACT
2810638 PHOENIX-2810638 Datasheet
81Kb / 5P
Current transducers - MACX MCR-SL-CAC-12-I-UP
logo
IOGEAR
GSR202 IOGEAR-GSR202 Datasheet
155Kb / 3P
USB CAC Reader (TAA compliant)
logo
Tripp Lite. All Rights ...
B002-DP1AC8-N4 TRIPPLITE-B002-DP1AC8-N4 Datasheet
40Kb / 4P
Secure KVM Switch, 8-Port, Single Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, CAC, TAA
B002-DP2AC4-N4 TRIPPLITE-B002-DP2AC4-N4 Datasheet
41Kb / 4P
Secure KVM Switch, 4-Port, Dual Head, DisplayPort to DisplayPort, 4K, NIAP PP4.0, Audio, CAC, TAA
B002-DV1AC8-N4 TRIPPLITE-B002-DV1AC8-N4 Datasheet
39Kb / 4P
Secure KVM Switch, 8-Port, Single Head, DVI to DVI, NIAP PP4.0, Audio, CAC, TAA
B002-DV2AC4-N4 TRIPPLITE-B002-DV2AC4-N4 Datasheet
40Kb / 4P
Secure KVM Switch, 4-Port, Dual Head, DVI to DVI, NIAP PP4.0, Audio, CAC, TAA
B002-H2AC4-N4 TRIPPLITE-B002-H2AC4-N4 Datasheet
40Kb / 4P
Secure KVM Switch, 4-Port, Dual Head, HDMI to HDMI, 4K, NIAP PP4.0, Audio, CAC, TAA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com