Electronic Components Datasheet Search
  English  ▼

X  

AD825 Datasheet (PDF) - Analog Devices

AD825 Datasheet PDF - Analog Devices
Part # AD825_V01
Download  AD825 Download
File Size   318.53 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, General-Purpose High Speed JFET Amplifier

AD825 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD825 Datasheet PDF - Analog Devices

Part # AD825_V01
Download  AD825 Click to download

File Size   318.53 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, General-Purpose High Speed JFET Amplifier

AD825 Datasheet (HTML) - Analog Devices


AD825 Product details

FEATURES
High speed
41 MHz, −3 dB bandwidth
125 V/μs slew rate
80 ns settling time
Input bias current of 20 pA and noise current of 10 fA/√Hz
Input voltage noise of 12 nV/√Hz
Fully specified power supplies: ±5 V to ±15 V
Low distortion: −76 dB at 1 MHz
High output drive capability
Drives unlimited capacitance load
50 mA min output current
No phase reversal when input is at rail
Available in 8-lead SOIC
APPLICATIONS
CCDs
Low distortion filters
Mixed gain stages
Audio amplifiers
Photo detector interfaces
ADC input buffers
DAC output buffers




Similar Part No. - AD825_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8250 AD-AD8250 Datasheet
125Kb / 8P
12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
AD8250 AD-AD8250 Datasheet
217Kb / 10P
10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
4/07-Revision 0
AD8250 AD-AD8250 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8250 AD-AD8250 Datasheet
529Kb / 28P
Wide Supply Range, Micropower,
REV. 0
AD8250 AD-AD8250 Datasheet
805Kb / 28P
Wide Supply Range, Rail-to-Rail
REV. 0
More results


Similar Description - AD825_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8132 AD-AD8132 Datasheet
391Kb / 20P
Low-Cost, High-Speed Differential Amplifier
REV.0
AD825 AD-AD825 Datasheet
2Mb / 11P
Low Cost, General Purpose High Speed JFET Amplifier
REV.C
AD8132 AD-AD8132_06 Datasheet
441Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. F
AD825 AD-AD825_04 Datasheet
413Kb / 12P
Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD8132 AD-AD8132_09 Datasheet
621Kb / 32P
Low Cost, High Speed Differential Amplifier
Rev. I
AD825ARZ AD-AD825ARZ Datasheet
414Kb / 12P
Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD825ARZ-REEL AD-AD825ARZ-REEL Datasheet
414Kb / 12P
Low Cost, General-Purpose High Speed JFET Amplifier
Rev. F
AD101A AD-AD101A_15 Datasheet
1Mb / 4P
GENERAL PURPOSE LOW COST IC OPERATIONAL AMPLIFIER
AD825 AD-AD825_15 Datasheet
319Kb / 12P
Low Cost, General-Purpose High Speed JFET Amplifier
Rev. G
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com