Electronic Components Datasheet Search
  English  ▼

X  

AD810 Datasheet (PDF) - Analog Devices

AD810 Datasheet PDF - Analog Devices
Part # AD810_V01
Download  AD810 Download
File Size   467.17 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power Video Op Amp with Disable

AD810 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD810 Datasheet PDF - Analog Devices

Part # AD810_V01
Download  AD810 Click to download

File Size   467.17 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power Video Op Amp with Disable

AD810 Datasheet (HTML) - Analog Devices


AD810 Product details

FEATURES
High speed
80 MHz typical −3 dB bandwidth (G = +1)
75 MHz typical −3 dB bandwidth (G = +2)
1000 V/μs typical slew rate
50 ns typical settling time to 0.1% (VOUT = 10 V step)
Ideal for video applications
30 MHz typical 0.1 dB bandwidth (G = +2, VS = ±15 V)
0.02% typical differential gain (VS = ±15 V)
0.04° typical differential phase (VS = ±15 V)
Low noise
2.9 nV/√Hz typical input voltage noise
13 pA/√Hz typical inverting input current noise
Low power
8.0 mA maximum supply current (quiescent)
2.1 mA typical supply current (power-down mode)
High performance disable function
Turn off time: 100 ns typical
Break before make guaranteed
Input to output isolation of 64 dB (off state)
Flexible operation
Specified for ±5 V and ±15 V operation
±2.9 V typical output swing into a 150 Ω load (VS = ±5 V)
APPLICATIONS
Professional video cameras
Multimedia systems
NTSC-, PAL-, and SECAM-compatible systems
Video line drivers
ADC or DAC buffers
DC restoration circuits




Similar Part No. - AD810_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8104 AD-AD8104 Datasheet
879Kb / 36P
600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
REV. A
AD8104 AD-AD8104 Datasheet
1,017Kb / 36P
600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8104ABPZ AD-AD8104ABPZ Datasheet
879Kb / 36P
600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
REV. A
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
logo
celduc-relais
AD81050100 CELDUC-AD81050100 Datasheet
94Kb / 2P
REED SWITCH NORMALY OPEN, DRY CONTACT
More results


Similar Description - AD810_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
Fast Settling, Video Op Amp with Disable
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
logo
Analog Devices
AD810 AD-AD810 Datasheet
514Kb / 16P
Low Power Video Op Amp with Disable
REV.A
ADA4853-1 AD-ADA4853-1 Datasheet
536Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amp with Ultralow Power Disable
10/06-Rev. A to Rev. B
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
527Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_15 Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
High Speed Video Op Amp with Disable
logo
Analog Devices
AD810 AD-AD810_17 Datasheet
549Kb / 17P
Low Power Video Op Amp with Disable
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com