Electronic Components Datasheet Search
  English  ▼

X  

MP6N120 Datasheet (PDF) - JILIN SINO-MICROELECTRONICS CO., LTD.

MP6N120 Datasheet PDF - JILIN SINO-MICROELECTRONICS CO., LTD.
Part # MP6N120
Download  MP6N120 Download
File Size   863.87 Kbytes
Page   8 Pages
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.
Description N-CHANNEL MOSFET

MP6N120 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP6N120 Datasheet PDF - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MP6N120
Download  MP6N120 Click to download

File Size   863.87 Kbytes
Page   8 Pages
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.
Description N-CHANNEL MOSFET

MP6N120 Datasheet (HTML) - JILIN SINO-MICROELECTRONICS CO., LTD.


MP6N120 Product details

APPLICATIONS
 High efficiency switch mode
power supplies
 Electronic lamp ballasts
based on half bridge
 UPS

FEATURES
Planar MOS
Low gate charge
Low Crss (typical 7.0pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product




Similar Part No. - MP6N120

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
MP6 EMERSON-NETWORKPOWER-MP6 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
logo
CHENG-YI ELECTRONIC CO....
MP6 CHENG-YI-MP6 Datasheet
120Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Astec America, Inc
MP6-2C-2E-4LL-00 ASTEC-MP6-2C-2E-4LL-00 Datasheet
411Kb / 8P
400-1200 Watts
logo
Emerson Network Power
MP6-2C-2E-4LL-00 EMERSON-NETWORKPOWER-MP6-2C-2E-4LL-00 Datasheet
411Kb / 8P
Current share on all outputs with ratings of 10 A or greater
MP6-2E-2E-00 EMERSON-NETWORKPOWER-MP6-2E-2E-00 Datasheet
1Mb / 8P
Electrical Specifications
More results


Similar Description - MP6N120

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com