Electronic Components Datasheet Search
  English  ▼

X  

ADAU1860 Datasheet (PDF) - Analog Devices

ADAU1860 Datasheet PDF - Analog Devices
Part # ADAU1860
Download  ADAU1860 Download
File Size   2300.81 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Three ADCs, One DAC, Low Power Codec with Audio DSPs

ADAU1860 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAU1860 Datasheet PDF - Analog Devices

Part # ADAU1860
Download  ADAU1860 Click to download

File Size   2300.81 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Three ADCs, One DAC, Low Power Codec with Audio DSPs

ADAU1860 Datasheet (HTML) - Analog Devices


ADAU1860 Product details

FEATURES
► Programmable FastDSP audio processing engine
► Up to 768 kHz sample rate
► Biquad filters, limiters, volume controls, mixing
► Tensilica HiFi 3z DSP core
► Quad MAC per cycle: 24 × 24-bit multiplier and 64-bit accumulator
► Flexible power operation mode: 24.576 MHz, 49.152 MHz,
73.728 MHz, and 98.304 MHz
► 336 kB total memory
► JTAG debug and trace
► Low latency, 24-bit ADCs and DAC
► 106 dB SNR (signal through ADC with A-weighted filter)
► 110 dB combined SNR (signal through DAC and headphone
with A-weighted filter)
► Programmable double precision MAC engine for maximum 24-
stage equalizer
► Serial port sample rates from 8 kHz to 768 kHz
► 5 μs group delay (fS = 768 kHz) analog in to analog out with
FastDSP bypass (zero instructions)
► 3 differential or single-ended analog inputs, configurable as microphone
or line inputs
► 8 digital microphone inputs
► Analog differential audio output, configurable as either line output
or headphone drive
► 2 PDM output channels
► PLL supporting any input clock rate from 30 kHz to 36 MHz
► 4 channel asynchronous sample rate converters (ASRCs)
► 2, 16-channel serial audio ports supporting I2S, left justified, right
justified, or up to TDM16 (TDM12 in Turbo mode)
► 8 interpolators and 8 decimators with flexible routing
► Power supplies
► Digital I/O IOVDD at 1.1 V to 1.98 V
► Digital DVDD at 0.85 V to 1.21 V
► Headphone HPVDD at 1.8 V typical
► Headphone HPVDD_L at 1.2 V to HPVDD
► Control/communication interfaces
► I2C, SPI, or UART control ports
► Master quad SPI (QSPI)
► UART communication port
► Self-boot from QSPI flash
► Flexible GPIO and IRQ
► 56-ball, 0.35 mm pitch, 2.980 mm × 2.679 mm WLCSP
APPLICATIONS
► Noise canceling handsets, headsets, and headphones
► Bluetooth active noise canceling (ANC) handsets, headsets, and
headphones
► Personal navigation devices
► Digital still and video cameras
► Musical instrument effect processors
► Multimedia speaker systems
► Smartphones




Similar Part No. - ADAU1860

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1860 AD-ADAU1860 Datasheet
2Mb / 30P
Three ADCs, One DAC, Low Power Codec with Audio DSPs
10/2021-Revision 0
ADAU1860BCBZRL AD-ADAU1860BCBZRL Datasheet
2Mb / 30P
Three ADCs, One DAC, Low Power Codec with Audio DSPs
10/2021-Revision 0
More results


Similar Description - ADAU1860

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1334ATS PHILIPS-UDA1334ATS Datasheet
102Kb / 24P
Low power audio DAC with PLL
2000 Jul 31
logo
Analog Devices
SSM2602 AD-SSM2602_08 Datasheet
659Kb / 32P
Low Power Audio Codec
REV. 0
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
Low Power Audio Codec
REV. 0
logo
NXP Semiconductors
UDA1334ATS PHILIPS-UDA1334ATS_15 Datasheet
170Kb / 22P
Low power audio DAC with PLL
2000 Jul 31
logo
Analog Devices
ADAU1777 AD-ADAU1777 Datasheet
1Mb / 108P
Four-ADC, Two-DAC, Low Power Codec with Audio Processor
REV. 0
SSM2604 AD-SSM2604_18 Datasheet
439Kb / 28P
Low Power Audio Codec
8/2018-Rev. A to Rev. B
logo
Suzhou Everest Semicond...
ES8316 EVEREST-ES8316 Datasheet
693Kb / 12P
Low Power Audio CODEC
logo
Analog Devices
ADAU1787 AD-ADAU1787 Datasheet
3Mb / 280P
Four ADC, Two DAC, Low Power Codec with Audio DSPs
4/2019-Revision 0
ADAU1860 AD-ADAU1860 Datasheet
2Mb / 30P
Three ADCs, One DAC, Low Power Codec with Audio DSPs
10/2021-Revision 0
logo
NXP Semiconductors
UDA1334ATS NXP-UDA1334ATS Datasheet
170Kb / 22P
Low power audio DAC with PLL
2000 Jul 31
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com