Electronic Components Datasheet Search
  English  ▼

X  

RS31309C Datasheet (PDF) - Reed Semiconductor Corp.

RS31309C Datasheet PDF - Reed Semiconductor Corp.
Part # RS31309C
Download  RS31309C Download
File Size   188.2 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description Simple 3.3V/5V/12V 4A eFuse Protection Switches

RS31309C Datasheet (PDF)

Go To PDF Page Download Datasheet
RS31309C Datasheet PDF - Reed Semiconductor Corp.

Part # RS31309C
Download  RS31309C Click to download

File Size   188.2 Kbytes
Page   2 Pages
Manufacturer  REED [Reed Semiconductor Corp.]
Direct Link  https://www.reedsemi.com
Logo REED - Reed Semiconductor Corp.
Description Simple 3.3V/5V/12V 4A eFuse Protection Switches

RS31309C Datasheet (HTML) - Reed Semiconductor Corp.


RS31309C Product details

Features
• RS31211 - 3.3V eFuse
• RS31212 - 5V eFuse
• RS31309 – 2.97V to 18V input
• RS31311 - 12V eFuse
• Integrated 34mΩ Pass MOSFET
• Adjustable 0.5A to 4A current limit
• Adjustable output slew rate
• Enable with adjustable input UVLO threshold
• Fixed over-voltage camp: 3.8V for RS31211,
5.7V for RS31212 and 13.7V for RS31311
• Built-on over temperature protection
• UL 2367 Recognized
• Safe during single point failure test (IEC 62368-
1)
• Small 2x2mm WSON package
• RoHS compliant and Green




Similar Part No. - RS31309C

ManufacturerPart #DatasheetDescription
logo
Reed Semiconductor Corp...
RS31309 REED-RS31309 Datasheet
409Kb / 8P
Simple 3.3V/5V/12V 4A eFuse Protection Switches
RS31309AR REED-RS31309AR Datasheet
409Kb / 8P
Simple 3.3V/5V/12V 4A eFuse Protection Switches
RS31309BR REED-RS31309BR Datasheet
409Kb / 8P
Simple 3.3V/5V/12V 4A eFuse Protection Switches
More results


Similar Description - RS31309C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM112 STMICROELECTRONICS-TSM112 Datasheet
85Kb / 7P
3.3V 5V 12V HOUSEKEEPING IC
Jan-2001
TSM1121 STMICROELECTRONICS-TSM1121 Datasheet
136Kb / 11P
3.3V 5V 12V HOUSEKEEPING IC
May-2003
logo
Bel Fuse Inc.
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
logo
Texas Instruments
TPS2592AX TI-TPS2592AX Datasheet
3Mb / 28P
5V/12V eFuse with Over Voltage Protection and Blocking FET Control
LM2596S-ADJ TI-LM2596S-ADJ Datasheet
4Mb / 42P
3.3V, 5V, 12V, and Adjustable Output Versions
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
5V eFuse with Over Voltage Protection and Blocking FET Control
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
Simple 5V/12V eFuse Protection Switches
logo
Wurth Elektronik GmbH &...
1769205X2 WURTH-1769205X2 Datasheet
1Mb / 37P
3.3V ??12V / 1W / 2kV functional isolated unregulated 5V / 12V / 15V Output
Rev. 1.0
logo
Littelfuse
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com