Electronic Components Datasheet Search
  English  ▼

X  

MBR1635G Datasheet (PDF) - ON Semiconductor

MBR1635G Datasheet PDF - ON Semiconductor
Part # MBR1635G
Download  MBR1635G Download
File Size   177.88 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch Mode Power Rectifiers 16 A, 35 and 45 V

MBR1635G Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR1635G Datasheet PDF - ON Semiconductor

Part # MBR1635G
Download  MBR1635G Click to download

File Size   177.88 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Switch Mode Power Rectifiers 16 A, 35 and 45 V

MBR1635G Datasheet (HTML) - ON Semiconductor


MBR1635G Product details

These state−of−the−art devices use the Schottky Barrier principle
with a platinum barrier metal.
Features
• Guard−ring for Stress Protection
• Low Forward Voltage
• 175°C Operating Junction Temperature
• NRVB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant
Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.9 Grams for TO−220
1.7 Grams for D2PAK
• Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
• Lead Temperature for Soldering Purposes:
260°C Max. for 10 Seconds




Similar Part No. - MBR1635G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635G ONSEMI-MBR1635G Datasheet
107Kb / 5P
SWITCHMODE Power Rectifiers16 A, 35 and 45 V
June, 2008 ??Rev. 11
MBR1635G ONSEMI-MBR1635G Datasheet
68Kb / 5P
Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
More results


Similar Description - MBR1635G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR1635 ONSEMI-MBR1635 Datasheet
107Kb / 5P
SWITCHMODE Power Rectifiers16 A, 35 and 45 V
June, 2008 ??Rev. 11
MUR805G ONSEMI-MUR805G_14 Datasheet
143Kb / 8P
Switch-mode Power Rectifiers
February, 2014 ??Rev. 13
MUR1510G ONSEMI-MUR1510G_14 Datasheet
141Kb / 8P
Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
NHPV08S600G ONSEMI-NHPV08S600G_14 Datasheet
66Kb / 4P
Switch Mode Power Rectifiers
April, 2014 ??Rev. 3
MBR8H100MFS ONSEMI-MBR8H100MFS Datasheet
67Kb / 4P
Switch Mode Power Rectifiers
August, 2015 ??Rev. 2
MBR30H100MFS ONSEMI-MBR30H100MFS Datasheet
91Kb / 5P
Switch-mode Power Rectifiers
March, 2015 ??Rev. 2
MBR1045MFS ONSEMI-MBR1045MFS Datasheet
82Kb / 5P
Switch Mode Power Rectifiers
August, 2014 ??Rev. 1
MBR1635 ONSEMI-MBR1635_14 Datasheet
68Kb / 5P
Switch Mode Power Rectifiers
April, 2014 ??Rev. 12
MBRD1035CTL ONSEMI-MBRD1035CTL_V01 Datasheet
231Kb / 7P
Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13
MUR3020PTG ONSEMI-MUR3020PTG Datasheet
205Kb / 8P
Switch-mode Power Rectifiers
January, 2012 - Rev. 10
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com