Electronic Components Datasheet Search
  English  ▼

X  

78444 Datasheet (PDF) - Alpha Wire

78444 Datasheet PDF - Alpha Wire
Part # 78444
Download  78444 Download
File Size   409.87 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 22 (19/34) AWG Tinned Copper

78444 Datasheet (PDF)

Go To PDF Page Download Datasheet
78444 Datasheet PDF - Alpha Wire

Part # 78444
Download  78444 Click to download

File Size   409.87 Kbytes
Page   4 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 22 (19/34) AWG Tinned Copper

78444 Datasheet (HTML) - Alpha Wire




Similar Part No. - 78444

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
78440 ALPHAWIRE-78440 Datasheet
410Kb / 5P
20 (19/32) AWG Tinned Copper
logo
CommScope Inc.
7844067-00 COMMSCOPE-7844067-00 Datasheet
770Kb / 24P
ERA® Ordering Guide
2022
7844068-00 COMMSCOPE-7844068-00 Datasheet
770Kb / 24P
ERA® Ordering Guide
2022
logo
Alpha Wire
78443 ALPHAWIRE-78443 Datasheet
410Kb / 4P
24 (19/36) AWG Tinned Copper
78445 ALPHAWIRE-78445 Datasheet
410Kb / 4P
20 (19/32) AWG Tinned Copper
More results


Similar Description - 78444

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
3106A ETC2-3106A Datasheet
102Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351299 ETC2-1351299 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
logo
Belden Inc.
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com