Electronic Components Datasheet Search
  English  ▼

X  

RK860 Datasheet (PDF) - Rockchip Electronics Co., Ltd

RK860 Datasheet PDF - Rockchip Electronics Co., Ltd
Part # RK860
Download  RK860 Download
File Size   1532.84 Kbytes
Page   17 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description 7A,2.4MHz, High Efficiency I²C Compatible Interface, Synchronous Step Down Regulator

RK860 Datasheet (PDF)

Go To PDF Page Download Datasheet
RK860 Datasheet PDF - Rockchip Electronics Co., Ltd

Part # RK860
Download  RK860 Click to download

File Size   1532.84 Kbytes
Page   17 Pages
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd
Description 7A,2.4MHz, High Efficiency I²C Compatible Interface, Synchronous Step Down Regulator

RK860 Datasheet (HTML) - Rockchip Electronics Co., Ltd


RK860 Product details

Overview
The RK860 is a high efficiency 2.4MHz synchronous step down DC/DC regulator IC capable of
delivering up to 7A output current. It can operate over a wide input voltage range from 2.7V
to 5.5V. And, it integrates a main switch and a synchronous switch with both very low RDS (ON)
to minimize the conduction loss. The output voltage can be programmed from 0.7125V to 1.5V
with 12.5mV/step or 0. 5V to 1.5V with 6.25mV/step through I2C interface.
The RK860 is in a space saving, low profile WLCSP 1.65mm*2.05mm-20 package.

Feature
 Input voltage range:2.7V-5.5V
 2.4MHz switching frequency minimizes the external components
 Typical 70uA quiescent current when VIN=3.8V and Temp=25℃
 Low RDs(ON) for internal switches(PFET/NFET):24mohm/16ohm @ VIN=3.8V
 Programmable output voltage:0.7125V to 1.5V with 12.5mV/step or 0.5V to 1.5V
with 6.25mV/step
 7A continuous output current capability
 Capable for 0.24uH inductor and 22uF*2 ceramic capacitor
 Hic-cup mode protection for hard short condition
 Integrate inner protection:Cycle by cycle OCP and VIN-OVP/UVLO/DIE-TSD
 RoHS compliant and Halogen free
 Compact package: WLCSP 1.65*2.05-20




Similar Part No. - RK860

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK8 GREATECS-RK8 Datasheet
129Kb / 1P
15 x 10 mm SP Ultra Miniature Rocker Switch
logo
Rockchip Electronics Co...
RK808 ROCKCHIP-RK808 Datasheet
2Mb / 75P
Power Management System Technical Specifications
RK808-B ROCKCHIP-RK808-B Datasheet
2Mb / 75P
Power Management System Technical Specifications
RK808-C ROCKCHIP-RK808-C Datasheet
2Mb / 75P
Power Management System Technical Specifications
RK816 ROCKCHIP-RK816 Datasheet
2Mb / 78P
Input range: 3.8V ~ 5.5V for USB input 2.7V~4.5V for BAT input
Revision 1.3 Nov.2017
More results


Similar Description - RK860

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2003
L6926D STMICROELECTRONICS-L6926D Datasheet
90Kb / 8P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
May-2003
logo
Linear Technology
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2004
logo
Linear Technology
LTC3415 LINER-LTC3415 Datasheet
321Kb / 28P
7A, PolyPhase Synchronous Step-Down Regulator
logo
STMicroelectronics
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
logo
Linear Technology
LTC3415 LINER-LTC3415_15 Datasheet
320Kb / 28P
7A, PolyPhase Synchronous Step-Down Regulator
logo
Eutech Microelectronics...
EUP3295 EUTECH-EUP3295 Datasheet
1Mb / 1P
5A, 3MHz Synchronous Step-Down DC-DC with I C Compatible Interface
logo
Monolithic Power System...
MP8757 MPS-MP8757 Datasheet
1Mb / 21P
High Efficiency, 7A, 18V Synchronous, Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com