|
Chapter 1 Introduction
PX3 SE is a high performance Quad-core application processor. Especially it is a highintegration and cost efficient SOC for 1080P H.265.
Quad-core Cortex-A7 is integrates with separately Neon and FPU coprocessor, also shared
256KB L2 Cache. Mali400 MP2 GPU is embedded to support up to WXGA 1280x800 panel
display.
Lots of high-performance interface to get very flexible solution, such as multi-pipe display
with HDMI1.4, TV Encoder. Crypto hardware is integrated for support security BOOT. 32bits
DDR3/LPDDR2 provides high memory bandwidths for high-performance.
HEVC hardware is integrated for support 1080P H.265 video.
Features
The features listed below which may or may not be present in actual product, may be
subject to the third party licensing requirements. Please contact Rockchip for actual product
feature configurations and licensing requirements.
Microprocessor
Quad-core ARM Cortex-A7MP Core processor, a high-performance, low-power and
cached application processor
Full implementation of the ARM architecture v7-A instruction set, ARM Neon Advanced
SIMD (single instruction, multiple data) support for accelerated media and signal
processing computation
Separately Integrated Neon and FPU per CPU
32KB/32KB L1 I-Cache/D-Cache per CPU.
Unified 256KB L2 Cache.
Memory Organization
Internal on-chip memory
BootRom
Internal SRAM
External off-chip memory①
DDR3/DDR3L/LPDDR2
Async/Toggle/SyncNand Flash(include LBA Nand)
Internal Memory
Internal BootRom
Size : 16KB
Support system boot from the following device :
8bits Async Nand Flash
8bits toggle Nand Flash
SPI interface
eMMC interface
SDMMC interface
Support system code download by the following interface:
USB OTG interface
Internal SRAM
Size : 8KB
|