Electronic Components Datasheet Search
  English  ▼

X  

ADSP-21561 Datasheet (PDF) - Analog Devices

ADSP-21561 Datasheet PDF - Analog Devices
Part # ADSP-21561
Download  ADSP-21561 Download
File Size   2638.74 Kbytes
Page   82 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SHARC Single Core High Performance DSP (Up to 933 MHz)

ADSP-21561 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-21561 Datasheet PDF - Analog Devices

Part # ADSP-21561
Download  ADSP-21561 Click to download

File Size   2638.74 Kbytes
Page   82 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SHARC Single Core High Performance DSP (Up to 933 MHz)

ADSP-21561 Datasheet (HTML) - Analog Devices


ADSP-21561 Product details

SYSTEM FEATURES
Enhanced SHARC+ high performance floating-point core
Up to 933 MHz
5 Mb (640 kB) Level 1 (L1) SRAM memory with parity
(optional ability to configure as cache)
32-bit, 40-bit, and 64-bit floating-point support
32-bit fixed point
Byte, short word, word, long word addressed
Powerful DMA system
On-chip memory protection
Integrated safety features
17 mm × 17 mm, 400-ball CSP_BGA (0.8 mm pitch),
RoHS compliant
120-lead LQFP_EP (0.4 mm pitch), RoHS compliant
Low system power across automotive temperature range
3.3 V I/O with no power sequencing requirement

MEMORY
Large on-chip Level 2 (L2) SRAM with parity, up to
16 Mb (2 MB)
xSPI peripheral supports HyperBus connectivity to extend
system memory
ADDITIONAL FEATURES
Security and Protection
Crypto hardware accelerators
Fast secure boot with IP protection
Enhanced FIR and IIR accelerators running up to 933 MHz
APPLICATIONS
Automotive: audio amplifier, head unit, ANC/RNC, rear seat
entertainment, digital cockpit, ADAS
Consumer: speakers, sound bars, AVRs, conferencing systems, mixing consoles, microphone arrays, headphones




Similar Part No. - ADSP-21561

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21562 AD-ADSP-21562 Datasheet
2Mb / 104P
SHARC Single Core High Performance DSP (Up to 1 GHz)
2/2021-Rev. A to Rev. B
ADSP-21562BSWZ4 AD-ADSP-21562BSWZ4 Datasheet
2Mb / 104P
SHARC Single Core High Performance DSP (Up to 1 GHz)
2/2021-Rev. A to Rev. B
ADSP-21562KSWZ4 AD-ADSP-21562KSWZ4 Datasheet
2Mb / 104P
SHARC Single Core High Performance DSP (Up to 1 GHz)
2/2021-Rev. A to Rev. B
ADSP-21562WCSWZ4 AD-ADSP-21562WCSWZ4 Datasheet
2Mb / 104P
SHARC Single Core High Performance DSP (Up to 1 GHz)
2/2021-Rev. A to Rev. B
ADSP-21562WCSWZ4RL AD-ADSP-21562WCSWZ4RL Datasheet
2Mb / 104P
SHARC Single Core High Performance DSP (Up to 1 GHz)
2/2021-Rev. A to Rev. B
More results


Similar Description - ADSP-21561

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD14160 AD-AD14160 Datasheet
1Mb / 52P
Quad-SHARC DSP Multiprocessor Family
ADSP-21061 AD-ADSP-21061_15 Datasheet
870Kb / 52P
Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
ADSP-21566 AD-ADSP-21566 Datasheet
2Mb / 98P
SHARC Single Core High Performance DSP (Up to 1 GHz)
3/2020-Revision 0
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
6/2018-Rev. A to Rev. B
ADSP-21562 AD-ADSP-21562 Datasheet
2Mb / 104P
SHARC Single Core High Performance DSP (Up to 1 GHz)
2/2021-Rev. A to Rev. B
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
5/2021-Rev. PrC to Rev. PrD
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com