Electronic Components Datasheet Search
  English  ▼

X  

12N65 Datasheet (PDF) - HAOHAI ELECTRONICS CO., LTD.

12N65 Datasheet PDF - HAOHAI ELECTRONICS CO., LTD.
Part # 12N65
Download  12N65 Download
File Size   473.94 Kbytes
Page   7 Pages
Manufacturer  HAOHAI [HAOHAI ELECTRONICS CO., LTD.]
Direct Link  http://www.szhhe.com/index.asp
Logo HAOHAI - HAOHAI ELECTRONICS CO., LTD.
Description N-Channel MOSFET

12N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
12N65 Datasheet PDF - HAOHAI ELECTRONICS CO., LTD.

Part # 12N65
Download  12N65 Click to download

File Size   473.94 Kbytes
Page   7 Pages
Manufacturer  HAOHAI [HAOHAI ELECTRONICS CO., LTD.]
Direct Link  http://www.szhhe.com/index.asp
Logo HAOHAI - HAOHAI ELECTRONICS CO., LTD.
Description N-Channel MOSFET

12N65 Datasheet (HTML) - HAOHAI ELECTRONICS CO., LTD.


12N65 Product details

■Features
Originative New Design
Superior Avalanche Rugged Technology
Robust Gate Oxide Technology
Very Low Intrinsic Capacitances
Excellent Switching Characteristics
Unrivalled Gate Charge: 38nC(Typ.)
Extended Safe Operating Area
Lower RDS(ON): 0.67Ω(Typ.) @ VGS=10V
100% Avalanche Tested
Package: TO-220AB & TO-220F




Similar Part No. - 12N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12N65 UTC-12N65 Datasheet
374Kb / 7P
12A, 650V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
12N65 NELLSEMI-12N65 Datasheet
355Kb / 7P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
logo
Chongqing Pingwei Enter...
12N65 CHONGQING-12N65 Datasheet
194Kb / 2P
12A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
More results


Similar Description - 12N65

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com