Electronic Components Datasheet Search
  English  ▼

X  

MAP3524 Datasheet (PDF) - MagnaChip Semiconductor.

MAP3524 Datasheet PDF - MagnaChip Semiconductor.
Part # MAP3524
Download  MAP3524 Download
File Size   527.67 Kbytes
Page   4 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 2-CH Quasi-Resonant Mode Buck Controller for LED Backlight

MAP3524 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAP3524 Datasheet PDF - MagnaChip Semiconductor.

Part # MAP3524
Download  MAP3524 Click to download

File Size   527.67 Kbytes
Page   4 Pages
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.
Description 2-CH Quasi-Resonant Mode Buck Controller for LED Backlight

MAP3524 Datasheet (HTML) - MagnaChip Semiconductor.


MAP3524 Product details

General Description
MAP3524 is a 2 channel quasi-resonant mode buck
controller for LED backlight application. It operates at
boundary conduction mode which provides better
efficiency and lower EMI.
MAP3524 features ±2% current sensing(CS) voltage
accuracy and has dedicated Independent analog
dimming input up to 3.3V. It can be powered from 8.5V
~ 18V supply.
MAP3524 provides MOSFET drain-source short
detection for fault output, VCC over voltage protection
(OVP) detection for fault output, current sense resistor
short protection, short circuit protection (SCP) and
VCC under voltage lockout (UVLO).
MAP3524 is available 20 leads SOIC with Halogenfree (fully RoHS compliant)

Features
 8.5V to 18V Input Voltage Range
 Quasi-Resonant Mode
 LED Current Compensation Function
 Independent Direct PWM Dimming Input
 2% Current Sensing Voltage Accuracy
 Fault Output (FLT pin)
 ▪ MOSFET Drain-Source Short Detection
 ▪ VCC Over Voltage Protection Detection
 Short Circuit Protection
 Current Sense Resistor Short Protection
 VCC Under Voltage Lock Out
 20 Leads SOIC Package with Halogen-free

Applications
 High Brightness white LED backlighting for LCD TVs
 General LED lighting applications




Similar Part No. - MAP3524

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP3511 MGCHIP-MAP3511 Datasheet
1Mb / 14P
Average Current Control Buck Controller for LED Backlight
MAP3511SIRH MGCHIP-MAP3511SIRH Datasheet
1Mb / 14P
Average Current Control Buck Controller for LED Backlight
MAP3512 MGCHIP-MAP3512 Datasheet
1Mb / 15P
2-CH Average Current Control Buck Controller for LED Backlight
MAP3512SIRH MGCHIP-MAP3512SIRH Datasheet
1Mb / 15P
2-CH Average Current Control Buck Controller for LED Backlight
More results


Similar Description - MAP3524

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FL6300A FAIRCHILD-FL6300A Datasheet
912Kb / 13P
Quasi-Resonant Current Mode PWM Controller for Lighting
logo
ON Semiconductor
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
logo
Monolithic Power System...
HFC0100 MPS-HFC0100 Datasheet
290Kb / 15P
QUASI RESONANT CONTROLLER
logo
ON Semiconductor
NCP1336A ONSEMI-NCP1336A_14 Datasheet
936Kb / 26P
Quasi-Resonant Current Mode Controller
April, 2014 ??Rev. 2
logo
MagnaChip Semiconductor...
MAP3512 MGCHIP-MAP3512 Datasheet
1Mb / 15P
2-CH Average Current Control Buck Controller for LED Backlight
MAP3612 MGCHIP-MAP3612 Datasheet
1Mb / 14P
2-CH Average Current Control Buck Controller for LED Backlight
MAP3613 MGCHIP-MAP3613 Datasheet
1Mb / 16P
3-CH Average Current Control Buck Controller for LED Backlight
logo
ON Semiconductor
FL6300A ONSEMI-FL6300A Datasheet
599Kb / 15P
Quasi-Resonant Current Mode PWM Controller for Lighting
November 2012 Rev. 1.0.2
logo
Infineon Technologies A...
ICE5QSAG INFINEON-ICE5QSAG Datasheet
1Mb / 27P
Quasi-Resonant Controller
V 2.1 2020-02-03
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com