Electronic Components Datasheet Search
  English  ▼

X  

1239727 Datasheet (PDF) - PHOENIX CONTACT

1239727 Datasheet PDF - PHOENIX CONTACT
Part # 1239727
Download  1239727 Download
File Size   400.28 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-SQ-M12MS-8CON-20/0,5X - Device connector front mounting

1239727 Datasheet (PDF)

Go To PDF Page Download Datasheet
1239727 Datasheet PDF - PHOENIX CONTACT

Part # 1239727
Download  1239727 Click to download

File Size   400.28 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-SQ-M12MS-8CON-20/0,5X - Device connector front mounting

1239727 Datasheet (HTML) - PHOENIX CONTACT


1239727 Product details

Device connector front mounting, 8-position, Pin, straight, M12, coding: A, on free cable end,
Front mounting, Square flange, Individual wires, cable length: 0.5 m, 0.25 mm2, TPE litz wire,
Item is lead-free in accordance with RoHS II without Exemption 6c (Pb < 0.1 %)

Your advantages
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
• For high transmission safety: shield connection to the housing with optional EMC nut
• SPEEDCON fast locking system reduces cabling times




Similar Part No. - 1239727

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1239721 PHOENIX-1239721 Datasheet
399Kb / 10P
SACC-SQ-M12MS-8CON-25F/0,5X - Device connector front mounting
1239722 PHOENIX-1239722 Datasheet
420Kb / 11P
SACC-SQ-M12FS-8CON-25F/0,5X - Device connector front mounting
1239723 PHOENIX-1239723 Datasheet
330Kb / 9P
SACC-SQ-M12MS-12CON-25F/0,5X - Device connector front mounting
1239724 PHOENIX-1239724 Datasheet
355Kb / 11P
SACC-SQ-M12FS-12CON-25F/0,5X - Device connector front mounting
1239725 PHOENIX-1239725 Datasheet
339Kb / 9P
SACC-SQ-M12MS-17CON-25F/0,5X - Device connector front mounting
More results


Similar Description - 1239727

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1513774 PHOENIX-1513774 Datasheet
1Mb / 13P
SACC-E-M12MS-8CON-PG9/0,5 - Device connector front mounting
1408442 PHOENIX-1408442 Datasheet
423Kb / 11P
SACC-E-M12MS-8CON-M20/0,5 - Device connector front mounting
1441561 PHOENIX-1441561 Datasheet
482Kb / 10P
SACC-SQ-M12MS-8CON-25F/0,5 - Device connector front mounting
1408574 PHOENIX-1408574 Datasheet
308Kb / 8P
SACC-SQ-M12MS-8CON-20-L180 - Device connector front mounting
1441574 PHOENIX-1441574 Datasheet
488Kb / 11P
SACC-SQ-M12FS-8CON-25F/0,5 - Device connector front mounting
1441642 PHOENIX-1441642 Datasheet
465Kb / 11P
SACC-SQ-M12MS-5CON-20/0,5 - Device connector front mounting
1441697 PHOENIX-1441697 Datasheet
495Kb / 11P
SACC-SQ-M12FS-8CON-20/0,5 - Device connector front mounting
1441707 PHOENIX-1441707 Datasheet
421Kb / 10P
SACC-SQ-M12MS-12CON-20/0,5 - Device connector front mounting
1456417 PHOENIX-1456417 Datasheet
424Kb / 9P
SACC-SQ-M12MS-4CON-20-L180 - Device connector front mounting
1419784 PHOENIX-1419784 Datasheet
521Kb / 12P
SACC-SQ-M12MS-4CON-20/0,5 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com