|
Device connector front mounting, straight, for standard and SPEEDCON interlock, M23, number
of positions: 5+PE, contact connection type: Pin, Axial O-ring, 4x Ø 3.2, shielded: yes, degree of
protection: IP67, cable diameter range: 0 mm ... 0 mm, Compatible with mating connectors with
SPEEDCON or M23 standard knurled nuts, number of positions: 6, connection method: Crimp
connection, series: SF
Your advantages
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly
|