Electronic Components Datasheet Search
  English  ▼

X  

PI6CG332Q Datasheet (PDF) - Diodes Incorporated

PI6CG332Q Datasheet PDF - Diodes Incorporated
Part # PI6CG332Q
Download  PI6CG332Q Download
File Size   1320.29 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2-Output PCIe Gen 6 Clock Generator For Automotive Applications

PI6CG332Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6CG332Q Datasheet PDF - Diodes Incorporated

Part # PI6CG332Q
Download  PI6CG332Q Click to download

File Size   1320.29 Kbytes
Page   22 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2-Output PCIe Gen 6 Clock Generator For Automotive Applications

PI6CG332Q Datasheet (HTML) - Diodes Incorporated


PI6CG332Q Product details

Description
The DIODES PI6CG332Q is a 2-output very low power PCIe®
Gen 1/Gen 2/Gen 3/Gen 4/Gen 5/Gen 6 clock generator. It uses
25MHz crystal or CMOS reference as an input to generate the
100MHz low power differential HCSL outputs with on-chip terminations. The on-chip termination can save 8 external resistors
and make layout easier. An additional buffered reference output
is provided to serve as a low noise reference for other circuitry.
It uses Diodes' proprietary PLL design to achieve very low
jitter that meets PCIe Gen 1/Gen 2/Gen 3/Gen 4/Gen 5/Gen 6
requirements. It also provides various options such as different slew rate and amplitude through SMBUS so that users can
configure the device easily to get the optimized performance
for their individual boards. The device also supports selectable
spread-spectrum options to reduce EMI for various applications.

Features
y 3.3V Supply Voltage
y Crystal/CMOS Input: 25MHz
y 2 Differential Low Power HCSL Outputs with On-Chip
Termination
y Individual Output Enable
y Reference CMOS Output
y Programmable Slew Rate and Output Amplitude for Each
Output
y Differential Outputs Blocked Until PLL is Locked
y Selectable 0%, -0.25% or -0.5% Spread on Differential Outputs
y Strapping Pins or SMBus for Configuration
y Differential Output-To-Output Skew <50ps
y Very-Low Jitter Outputs
à PCIe 6.0 Common Clock (RMS) Jitter <0.04ps
à Differential Cycle-To-Cycle Jitter <50ps
à CMOS REFOUT Phase Jitter
Š <0.3ps RMS, SSC Off
Š <1.5ps RMS, SSC On
y PCIe Gen 1/Gen 2/Gen 3/Gen 4/Gen 5/Gen 6 Compliant
y Supports Automotive Grade 2
y Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y Halogen and Antimony Free. “Green” Device (Note 3)
y The PI6CG332Q is suitable for automotive applications
requiring specific change control; this part is AEC-Q100
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.
https://www.diodes.com/quality/product-definitions/
y Packaging (Pb-free & Green):
à 24-Contact, 4x4mm (ZDW)




Similar Part No. - PI6CG332Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6CG33201 DIODES-PI6CG33201 Datasheet
796Kb / 2P
19-Output PCIe 5.0 Clock Generator for Server and Data-Center Applications
PI6CG33201C DIODES-PI6CG33201C Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33201CZDIEX DIODES-PI6CG33201CZDIEX Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33201CZDIEX-13R DIODES-PI6CG33201CZDIEX-13R Datasheet
1Mb / 24P
3.3V Very Low Power 2-Output PCIe Clock Generator With On-chip Termination
Rev 3 - 2 January 2020
PI6CG33202 DIODES-PI6CG33202 Datasheet
796Kb / 2P
19-Output PCIe 5.0 Clock Generator for Server and Data-Center Applications
More results


Similar Description - PI6CG332Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003A PERICOM-PI6C49003A Datasheet
843Kb / 12P
PCIe Gen 2 Networking Clock Generator
PI6C49004A PERICOM-PI6C49004A Datasheet
730Kb / 13P
PCIe Gen 2 Networking Clock Generator
PI6CFGL201B PERICOM-PI6CFGL201B Datasheet
1Mb / 14P
2-Output Low Power PCIE Gen 1-2-3 Clock Generator
PI6CFGL601B PERICOM-PI6CFGL601B Datasheet
1,012Kb / 13P
6-Output Low Power PCIE Gen 1-2-3 Clock Generator
logo
Integrated Device Techn...
9FGV0631 IDT-9FGV0631 Datasheet
264Kb / 16P
6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
logo
Silicon Laboratories
SL28PCIE30 SILABS-SL28PCIE30 Datasheet
338Kb / 16P
EProClock짰 Programmable PCIe Gen 2 Clock Generator
logo
Diodes Incorporated
PI6CB184Q DIODES-PI6CB184Q Datasheet
889Kb / 17P
4-Output PCIe Gen 4 Clock Buffer for Automotive Applications
Rev 4 - 2 September 2022
PI6CG182Q DIODES-PI6CG182Q Datasheet
1Mb / 19P
2-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
PI6CG184Q DIODES-PI6CG184Q Datasheet
1Mb / 18P
4-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 February 2020
PI6CG188Q DIODES-PI6CG188Q Datasheet
1Mb / 19P
8-Output PCIe Gen 4 Clock Generator for Automotive Applications
Rev 2 - 2 January 2019
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com