Electronic Components Datasheet Search
  English  ▼

X  

PI3HDX1212 Datasheet (PDF) - Diodes Incorporated

PI3HDX1212 Datasheet PDF - Diodes Incorporated
Part # PI3HDX1212
Download  PI3HDX1212 Download
File Size   1034.65 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12Gbps HDMI 2.1 1:2 Signal Duplicator

PI3HDX1212 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3HDX1212 Datasheet PDF - Diodes Incorporated

Part # PI3HDX1212
Download  PI3HDX1212 Click to download

File Size   1034.65 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 12Gbps HDMI 2.1 1:2 Signal Duplicator

PI3HDX1212 Datasheet (HTML) - Diodes Incorporated


PI3HDX1212 Product details

Description
The DIODES PI3HDX1212 active-drive Signal Duplicator solution is targeted for high-resolution video networks that are based
on HDMI™ 2.1 standards signal processing.
The PI3HDX1212 is an active single port to dual ports Signal
Duplicator. The device drives differential signals to multiple
video display units. Depending on the mode select pin, the PI3HDX1212 provides controllable equalizer, flat gain and output
swing linearity that can be manipulated through pin control or
I2C control.
The maximum HDMI data rate of 12Gbps produces a 8K@60Hz
resolution or 4K@120Hz, required for 8K HDTV, PC graphics
products and other peripheral device. For PC graphics application, the device sits at the driver’s side and fan out differential signals to multiple display units, such as a PC LCD monitor, projector, TV, etc. The CTLE equalizers are implemented at the inputs
of the ReDriver to reduce the ISI jitters and compensate channel
loss. The PI3HDX1212 ensures the transmittal of high bandwidth
video streams from Video sources to the end-display units.

Application(s)
● Display Peripheral Box
● Digital Signage Display
● Multi Screen Splicing

Features
● 1-to-2 Active Signal Duplicator for 4-lane HDMI2.1 Operation
● Data Rate Support up to 12Gbps and support 8K4K pixel
resolution
● Quad-level Equalizer Gain Value Selection controlled by pin
strap or I2C mode programming
● Quad-level Flat Gain and Output Swing Linearity Selection
controlled by pin strap or I2C mode programming
● ESD Protection on I/O Pins: 2KV HBM
● Single Power Supply: 3.3V
● Temperature Support: –40oC to +70oC
● Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
● Halogen and Antimony Free. “Green” Device (Note 3)
● For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
● Packaging (Pb-free & Green):
à 40-pin, TQFN, 3 x 6 mm (0.4 mm pitch) (ZLD)




Similar Part No. - PI3HDX1212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3HDX1204 PERICOM-PI3HDX1204 Datasheet
1Mb / 20P
HDMI 1.4b 1:2 Splitter/Demux for 3.4Gbps Data Rate with Equalization & Pre-emphasis
logo
Diodes Incorporated
PI3HDX1204B1 DIODES-PI3HDX1204B1 Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
PI3HDX1204C DIODES-PI3HDX1204C Datasheet
677Kb / 1P
4 Channel HDMI2.0 Linear Redriver with Low Equalizer Option
Rev 2 March 2021
PI3HDX1204CZHEX DIODES-PI3HDX1204CZHEX Datasheet
677Kb / 1P
4 Channel HDMI2.0 Linear Redriver with Low Equalizer Option
Rev 2 March 2021
PI3HDX1204E DIODES-PI3HDX1204E Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
More results


Similar Description - PI3HDX1212

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
3:1 TMDS / HDMI signal equalizer
03-Sep-2007
logo
PHOENIX CONTACT
2864189 PHOENIX-2864189 Datasheet
295Kb / 10P
Configurable signal duplicator
2905026 PHOENIX-2905026 Datasheet
445Kb / 20P
Universal 4-way signal duplicator
2905028 PHOENIX-2905028 Datasheet
445Kb / 20P
Universal 4-way signal duplicator
logo
Diodes Incorporated
PI3DBS12212A DIODES-PI3DBS12212A Datasheet
501Kb / 1P
3.3V, 1-12Gbps 1-Lane 2:1 Mux/De-Mux Switch
logo
EDAC, All Rights Reserv...
694A-SERIES EDAC-694A-SERIES Datasheet
367Kb / 1P
694A Series HDMI TYPE-A 2.1 RECEPTACLES
logo
G.M. International
D1072 GMI-D1072 Datasheet
642Kb / 6P
SIL 2 Temperature Signal Converter, Duplicator, Adder/Subtractor DIN-Rail Models D1072S, D1072D
logo
EDAC, All Rights Reserv...
694A619-164-011 EDAC-694A619-164-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
694A619-264-011 EDAC-694A619-264-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
694A619-664-011 EDAC-694A619-664-011 Datasheet
110Kb / 1P
694A Series,HDMI TYPE-A 2.1 RECEPTACLES
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com