Electronic Components Datasheet Search
  English  ▼

X  

DMPH4015SPSWQ Datasheet (PDF) - Diodes Incorporated

DMPH4015SPSWQ Datasheet PDF - Diodes Incorporated
Part # DMPH4015SPSWQ
Download  DMPH4015SPSWQ Download
File Size   313.73 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 175°C P-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8

DMPH4015SPSWQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DMPH4015SPSWQ Datasheet PDF - Diodes Incorporated

Part # DMPH4015SPSWQ
Download  DMPH4015SPSWQ Click to download

File Size   313.73 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 175°C P-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8

DMPH4015SPSWQ Datasheet (HTML) - Diodes Incorporated


DMPH4015SPSWQ Product details

Features and Benefits
• Rated to +175°C – Ideal for High Ambient Temperature
Environments
• 100% Unclamped Inductive Switch (UIS) Test in Production
• Low On-Resistance
• Fast Switching Speed
• Wettable Flank for Improved Optical Inspections
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The DMPH4015SPSWQ is suitable for automotive
applications requiring specific change control; this part is
AEC-Q101 qualified, PPAP capable, and manufactured in
IATF 16949 certified facilities.

Description and Applications
This MOSFET is designed to meet the stringent requirements of
automotive applications. It is qualified to AEC-Q101, supported by a
PPAP and is ideal for use in:
• Reverse-polarity protections
• BLDC motor controls
• Power-management functions

Mechanical Data
• Package: PowerDI® 5060-8
• Package Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020
• Terminal Connections: See Diagram
• Terminals: Finish – 100% Matte Tin Annealed over Copper
Leadframe. Solderable per MIL-STD-202, Method 208
• Weight: 0.097 grams (Approximate)




Similar Part No. - DMPH4015SPSWQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMPH4015SPS DIODES-DMPH4015SPS Datasheet
420Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMPH4015SPS-13 DIODES-DMPH4015SPS-13 Datasheet
420Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMPH4015SPSQ DIODES-DMPH4015SPSQ Datasheet
405Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev erse
DMPH4015SPSQ-13 DIODES-DMPH4015SPSQ-13 Datasheet
405Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev erse
More results


Similar Description - DMPH4015SPSWQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMPH6050SPDQ DIODES-DMPH6050SPDQ Datasheet
530Kb / 7P
175°C 60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI
October 2016
DMPH6050SSDQ DIODES-DMPH6050SSDQ Datasheet
531Kb / 7P
175°C 60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
September 2016
DMTH6016LFDFWQ DIODES-DMTH6016LFDFWQ Datasheet
435Kb / 8P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2021
DMTH45M5LPSW DIODES-DMTH45M5LPSW Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5SPSW DIODES-DMTH45M5SPSW Datasheet
587Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022
DMNH45M7SCT DIODES-DMNH45M7SCT Datasheet
475Kb / 6P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 4 - 2
DMTH10H015SPSQ DIODES-DMTH10H015SPSQ Datasheet
919Kb / 9P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH31M7LPSQ DIODES-DMTH31M7LPSQ Datasheet
374Kb / 8P
175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMTH8008LFGQ DIODES-DMTH8008LFGQ Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2020 Rev. 3 - 2
DMTH8008SFGQ DIODES-DMTH8008SFGQ Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com