Electronic Components Datasheet Search
  English  ▼

X  

DMPH4013SPSQ Datasheet (PDF) - Diodes Incorporated

DMPH4013SPSQ Datasheet PDF - Diodes Incorporated
Part # DMPH4013SPSQ
Download  DMPH4013SPSQ Download
File Size   304.44 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 175°C 40V P-CHANNEL ENHANCEMENT MODE

DMPH4013SPSQ Datasheet (PDF)

Go To PDF Page Download Datasheet
DMPH4013SPSQ Datasheet PDF - Diodes Incorporated

Part # DMPH4013SPSQ
Download  DMPH4013SPSQ Click to download

File Size   304.44 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 175°C 40V P-CHANNEL ENHANCEMENT MODE

DMPH4013SPSQ Datasheet (HTML) - Diodes Incorporated


DMPH4013SPSQ Product details

Features and Benefits
• Rated to +175°C – Ideal for High Ambient Temperature
Environments
• 100% Unclamped Inductive Switch (UIS) Test in Production
• Low On-Resistance
• Fast Switching Speed
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The DMPH4013SPSQ is suitable for automotive applications
requiring specific change control; this part is AEC-Q101
qualified, PPAP capable, and manufactured in IATF 16949
certified facilities.

Description and Applications
This MOSFET is designed to meet the stringent requirements of
automotive applications. It is qualified to AEC-Q101, supported by a
PPAP and is ideal for use in:
• Reverse polarity protections
• BLDC motor controls
• Power-management functions

Mechanical Data
• Package: PowerDI®5060-8
• Package Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020
• Terminal Connections: See Diagram
• Terminals: Finish – 100% Matte Tin Annealed over Copper
Leadframe. Solderable per MIL-STD-202, Method 208
• Weight: 0.097 grams (Approximate)




Similar Part No. - DMPH4013SPSQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMPH4015SK3 DIODES-DMPH4015SK3 Datasheet
408Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMPH4015SK3-13 DIODES-DMPH4015SK3-13 Datasheet
408Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMPH4015SK3Q DIODES-DMPH4015SK3Q Datasheet
583Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev erse
DMPH4015SK3Q-13 DIODES-DMPH4015SK3Q-13 Datasheet
583Kb / 7P
P-CHANNEL ENHANCEMENT MODE MOSFET
Rev erse
DMPH4015SPS DIODES-DMPH4015SPS Datasheet
420Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
More results


Similar Description - DMPH4013SPSQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP4051LK3 DIODES-DMP4051LK3_10 Datasheet
673Kb / 8P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
DS32114 Rev. 2 - 2
ZXMP4A16G DIODES-ZXMP4A16G Datasheet
277Kb / 7P
40V P-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2003
DMPH6050SSDQ DIODES-DMPH6050SSDQ Datasheet
531Kb / 7P
175°C 60V DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
September 2016
DMTH45M5LPSW DIODES-DMTH45M5LPSW Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5LPSWQ DIODES-DMTH45M5LPSWQ Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5SPSW DIODES-DMTH45M5SPSW Datasheet
587Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022
DMNH45M7SCT DIODES-DMNH45M7SCT Datasheet
475Kb / 6P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 4 - 2
DMTH43M8LFGQ DIODES-DMTH43M8LFGQ Datasheet
513Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2023 Rev. 7 - 2
DMTH45M5LFVWQ DIODES-DMTH45M5LFVWQ Datasheet
719Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
March 2023 Rev. 3 - 2
DMTH46M7SFVWQ DIODES-DMTH46M7SFVWQ Datasheet
678Kb / 7P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
November 2022 Rev. 4 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com