Electronic Components Datasheet Search
  English  ▼

X  

1238559 Datasheet (PDF) - PHOENIX CONTACT

1238559 Datasheet PDF - PHOENIX CONTACT
Part # 1238559
Download  1238559 Download
File Size   369.93 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FSS-3P-M16/1,5 PEX - Device connector rear mounting

1238559 Datasheet (PDF)

Go To PDF Page Download Datasheet
1238559 Datasheet PDF - PHOENIX CONTACT

Part # 1238559
Download  1238559 Click to download

File Size   369.93 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FSS-3P-M16/1,5 PEX - Device connector rear mounting

1238559 Datasheet (HTML) - PHOENIX CONTACT


1238559 Product details

Device connector rear mounting, Power, 3-position, Socket, straight, M12, coding: S, on free
cable end, Rear mounting, M16 x 1.5, Individual wires, cable length: 1.5 m, 1.31 mm2, UL/cUL
stranded hook-up wire, Item is lead-free in accordance with RoHS II without Exemption 6c (Pb
< 0.1 %)

Your advantages
• For compact devices: transmit high power in a confined space
• For industrial infrastructure applications
• Protection against mismatching thanks to S-coding
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1238559

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1238550 PHOENIX-1238550 Datasheet
284Kb / 7P
SACC-DSI-M12MST-4P-M16XL/1,0X - Device connector rear mounting
1238551 PHOENIX-1238551 Datasheet
283Kb / 7P
SACC-DSI-M12MST-4P-M16XL/1,5X - Device connector, rear mounting
1238552 PHOENIX-1238552 Datasheet
283Kb / 7P
SACC-DSI-M12FST-4P-M16XL/1,0X - Device connector rear mounting
1238556 PHOENIX-1238556 Datasheet
368Kb / 10P
SACC-DSI-M12MSS-3P-M16/1,0 PEX - Device connector rear mounting
1238557 PHOENIX-1238557 Datasheet
368Kb / 10P
SACC-DSI-M12MSS-3P-M16/1,5 PEX - Device connector rear mounting
More results


Similar Description - 1238559

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1441817 PHOENIX-1441817 Datasheet
514Kb / 12P
SACC-DSI-M12FS-8CON-M16 - Device connector, rear mounting
1411598 PHOENIX-1411598 Datasheet
446Kb / 10P
SACC-DSI-M12FSS-4P-M16XL/0,5PE - Device connector, rear mounting
1411653 PHOENIX-1411653 Datasheet
439Kb / 10P
SACC-DSI-M12MSS-3P-M16/0,5 PE - Device connector, rear mounting
1424133 PHOENIX-1424133 Datasheet
451Kb / 10P
SACC-DSI-M12FSS-4CON-M16/0,5PE - Device connector, rear mounting
1441804 PHOENIX-1441804 Datasheet
513Kb / 12P
SACC-DSI-M12MS-8CON-M16 - Device connector, rear mounting
1441833 PHOENIX-1441833 Datasheet
526Kb / 12P
SACC-DSI-M12FS-12CON-M16 - Device connector, rear mounting
1425638 PHOENIX-1425638 Datasheet
424Kb / 11P
SACC-DSI-M12FSK4PE-M16/0,2-1,5 - Device connector, rear mounting
1441765 PHOENIX-1441765 Datasheet
517Kb / 11P
SACC-DSI-M12MS-5CON-M16 - Device connector, rear mounting
1425637 PHOENIX-1425637 Datasheet
448Kb / 11P
SACC-DSI-M12MSK4PE-M16/0,2-1,5 - Device connector, rear mounting
1441846 PHOENIX-1441846 Datasheet
530Kb / 11P
SACC-DSI-M12MS-17CON-M16 - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com